Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBAS20HT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SBAS20HT1G
Description  High Voltage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBAS20HT1G Datasheet(HTML) 1 Page - ON Semiconductor

  SBAS20HT1G Datasheet HTML 1Page - ON Semiconductor SBAS20HT1G Datasheet HTML 2Page - ON Semiconductor SBAS20HT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 6
1
Publication Order Number:
BAS20HT1/D
BAS20HT1, SBAS20HT1G
High Voltage
Switching Diode
Features
• AEC−Q101 Qualified and PPAP Capable
• S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
200
Vdc
Repetitive Peak Reverse Voltage
VRRM
200
Vdc
Continuous Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
Repetitive Peak Forward Current
IFRM
500
mA
Non−Repetitive Peak Forward Current
(Square Wave, TJ = 25°C prior to surge)
t = 1 ms
t = 1 ms
t = 1 s
IFSM
5.0
2.0
0.5
A
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board*
TA = 25°C
Derate above 25°C
PD
200
1.57
mW
mW/°C
Thermal Resistance Junction−to−Ambient
RqJA
635
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*FR−5 Minimum Pad
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 200 Vdc)
(VR = 200 Vdc, TJ = 150°C)
IR
−
−
1.0
100
mAdc
Reverse Breakdown Voltage
(IBR = 100 mAdc)
V(BR)
250
−
Vdc
Forward Voltage
(IF = 100 mAdc)
(IF = 200 mAdc)
VF
−
−
1000
1250
mV
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
−
5.0
pF
Reverse Recovery Time
(IF = IR = 30 mAdc, RL = 100 W)
trr
−
50
ns
http://onsemi.com
HIGH VOLTAGE
SWITCHING DIODE
Device
Package
Shipping†
ORDERING INFORMATION
SOD−323
CASE 477
STYLE 1
1
CATHODE
2
ANODE
MARKING DIAGRAM
JR = Specific Device Code
M = Date Code*
G
= Pb−Free Package
1
2
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
JR M G
G
BAS20HT1G
SOD−323
(Pb−Free)
3000 / Tape & Reel
(Note: Microdot may be in either location)
*Date Code orientation may vary depending upon
manufacturing location.
SBAS20HT1G SOD−323
(Pb−Free)
3000 / Tape & Reel


Similar Part No. - SBAS20HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBAS20HT1G ONSEMI-SBAS20HT1G Datasheet
57Kb / 3P
High Voltage Switching Diode
December, 2014 ??Rev. 7
More results

Similar Description - SBAS20HT1G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com