Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST280CH..C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST280CH..C
Description  Phase Control Thyristors (Hockey PUK Version), 500 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST280CH..C Datasheet(HTML) 4 Page - Vishay Siliconix

  ST280CH..C Datasheet HTML 1Page - Vishay Siliconix ST280CH..C Datasheet HTML 2Page - Vishay Siliconix ST280CH..C Datasheet HTML 3Page - Vishay Siliconix ST280CH..C Datasheet HTML 4Page - Vishay Siliconix ST280CH..C Datasheet HTML 5Page - Vishay Siliconix ST280CH..C Datasheet HTML 6Page - Vishay Siliconix ST280CH..C Datasheet HTML 7Page - Vishay Siliconix ST280CH..C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94401
4
Revision: 11-Aug-08
ST280CHPbF Series
Vishay High Power Products
Phase Control Thyristors
(Hockey PUK Version), 500 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
40
120
80
50
130
90
60
140
100
70
110
150
Average On-State Current (A)
100
200
300
400
500
0
30°
60°
90°
120°
180°
ST280CH..C Series
(Single side cooled)
R
thJ-hs (DC) = 0.17 K/W
Ø
Conduction angle
100
200
300
400
500
600
700
0
20
120
80
40
130
90
60
30
50
140
100
70
110
150
Average On-State Current (A)
DC
30°
60°
90°
120°
180°
ST280CH..C Series
(Single side cooled)
R
thJ-hs (DC) = 0.17 K/W
Ø
Conduction period
20
120
80
40
130
90
60
30
50
140
100
70
110
150
Average On-State Current (A)
100
300
500
200
400
600
700
800
0
30°
60°
90°
ST280CH..C Series
(Double side cooled)
R
thJ-hs (DC) = 0.08 K/W
120°
180°
Ø
Conduction angle
20
120
80
30
130
90
40
50
60
140
100
70
110
150
Average On-State Current (A)
200
400
600
1000
1200
800
0
DC
30°
60°
90°
120°
180°
ST280CH..C Series
(Double side cooled)
R
thJ-hs (DC) = 0.08 K/W
Ø
Conduction period
0
1000
600
200
1100
700
400
100
300
1200
800
500
900
1300
Average On-State Current (A)
100
200
300
600
800
500
700
400
0
180°
120°
90°
60°
30°
RMS limit
ST280CH..C Series
T
J = 150 °C
Ø
Conduction angle
0
1400
600
1600
800
200
1000
400
1200
1800
Average On-State Current (A)
200
400
600
800
1200
1000
0
DC
180°
120°
90°
60°
30°
RMS limit
ST280CH..C Series
T
J = 150 °C
Ø
Conduction period



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com