Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST300C..L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST300C..L
Description  Phase Control Thyristors (Hockey PUK Version), 560 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST300C..L Datasheet(HTML) 5 Page - Vishay Siliconix

  ST300C..L Datasheet HTML 1Page - Vishay Siliconix ST300C..L Datasheet HTML 2Page - Vishay Siliconix ST300C..L Datasheet HTML 3Page - Vishay Siliconix ST300C..L Datasheet HTML 4Page - Vishay Siliconix ST300C..L Datasheet HTML 5Page - Vishay Siliconix ST300C..L Datasheet HTML 6Page - Vishay Siliconix ST300C..L Datasheet HTML 7Page - Vishay Siliconix ST300C..L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94405
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
5
ST300CLPbF Series
Phase Control Thyristors
(Hockey PUK Version), 560 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristcs
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
3000
3500
4000
4500
5000
5500
6000
6500
7000
7500
110
100
ST300C..L Series
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 125 °C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Number Of Equal Amplitude Half Cycle Current Pulses (N)
3000
3500
4000
4500
5000
5500
6000
6500
7000
7500
8000
0.01
0.1
1
Versus Pulse Train Duration. Control
ST300C..L Series
Maximum Non Repetitive Surge Current
Of Conduction May Not Be Maintained.
Initial Tj = 125 °C
No Voltage Reapplied
Rated Vrrm Reapplied
Pulse Train Duration (s)
100
1000
10000
01
2
3
4
5
67
89
T = 25 °C
J
T = 125 °C
J
ST300C..L Series
Instantaneous On-state Voltage (V)
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(2) (3)
a) Recommended load line for
b) Recommended load line for
<=30% rated di/dt : 10V, 10ohms
Frequency Limited by PG(AV)
rated di/dt : 20V, 10ohms; tr<=1 μs
tr<=1 μs
(1)
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
Rectangular gate pulse
Device: ST300C..L Series
(4)
Square Wave Pulse Duration (s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com