Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24C01 Datasheet(PDF) 19 Page - ON Semiconductor

Part # CAT24C01
Description  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C01 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button CAT24C01 Datasheet HTML 12Page - ON Semiconductor CAT24C01 Datasheet HTML 13Page - ON Semiconductor CAT24C01 Datasheet HTML 14Page - ON Semiconductor CAT24C01 Datasheet HTML 15Page - ON Semiconductor CAT24C01 Datasheet HTML 16Page - ON Semiconductor CAT24C01 Datasheet HTML 17Page - ON Semiconductor CAT24C01 Datasheet HTML 18Page - ON Semiconductor CAT24C01 Datasheet HTML 19Page - ON Semiconductor CAT24C01 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16
http://onsemi.com
19
CAT24C04 Ordering Information
Device Order Number
Specific
Device Marking
Package
Type
Temperature
Range (Note 12)
Lead
Finish
Shipping
CAT24C04WI−G
24C04K
SOIC−8
Industrial
NiPdAu
Tube, 100 Units / Tube
CAT24C04WI−GT3
24C04K
SOIC−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C04WE−GT3
24C04K
SOIC−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C04YI−G
C04K
TSSOP−8
Industrial
NiPdAu
Tube, 100 Units / Tube
CAT24C04YI−GT3
C04K
TSSOP−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C04YE−GT3
C04
TSSOP−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C04VP2I−GT3*
C2T
TDFN−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C04LI−G
24C04K
PDIP−8
Industrial
NiPdAu
Tube, 50 Units / Tube
CAT24C04LE−G
24C04K
PDIP−8
Extended
NiPdAu
Tube, 50 Units / Tube
CAT24C04ZI−GT3
C2
MSOP−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C04ZE−GT3
C2
MSOP−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C04C4ATR**
4
WLCSP−4
Industrial
N/A
Tape & Reel, 5,000 Units / Reel
CAT24C04C5ATR**
4
WLCSP−5
Industrial
N/A
Tape & Reel, 5,000 Units / Reel
CAT24C04TDI−GT3
C2
TSOT−23−5
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C04TDE−GT3
C2
TSOT−23−5
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C04HU4I−GT3
C2U
UDFN8−EP
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C04HU4E−GT3
C2U
UDFN8−EP
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08 Ordering Information
Device Order Number
Specific
Device Marking
Package
Type
Temperature
Range (Note 12)
Lead
Finish
Shipping
CAT24C08WI−G
24C08K
SOIC−8
Industrial
NiPdAu
Tube, 100 Units / Tube
CAT24C08WI−GT3
24C08K
SOIC−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08WE−GT3
24C08K
SOIC−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08YI−G
C08K
TSSOP−8
Industrial
NiPdAu
Tube, 100 Units / Tube
CAT24C08YI−GT3
C08K
TSSOP−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08YE−GT3
C08
TSSOP−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08VP2I−GT3*
C3T
TDFN−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08VP2E−GT3*
C3T
TDFN−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08LI−G
24C08K
PDIP−8
Industrial
NiPdAu
Tube, 50 Units / Tube
CAT24C08LE−G
24C08K
PDIP−8
Extended
NiPdAu
Tube, 50 Units / Tube
CAT24C08ZI−GT3
C3
MSOP−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08ZE−GT3
C3
MSOP−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08C4ATR**
8
WLCSP−4
Industrial
N/A
Tape & Reel, 5,000 Units / Reel
CAT24C08C5ATR**
8
WLCSP−5
Industrial
N/A
Tape & Reel, 5,000 Units / Reel
CAT24C08TDI−GT3
C3
TSOT−23−5
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08TDE−GT3
C3
TSOT−23−5
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08HU4I−GT3
C3U
UDFN8−EP
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C08HU4E−GT3
C3U
UDFN8−EP
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
12.Industrial temperature range is −40°C to +85°C and Extended temperature range is −40°C to +125°C.
* The TDFN (VP2) package is not recommended for new designs.
** Contact factory for availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com