Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST380C..C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST380C..C
Description  Phase Control Thyristors (Hockey PUK Version), 960 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST380C..C Datasheet(HTML) 5 Page - Vishay Siliconix

  ST380C..C Datasheet HTML 1Page - Vishay Siliconix ST380C..C Datasheet HTML 2Page - Vishay Siliconix ST380C..C Datasheet HTML 3Page - Vishay Siliconix ST380C..C Datasheet HTML 4Page - Vishay Siliconix ST380C..C Datasheet HTML 5Page - Vishay Siliconix ST380C..C Datasheet HTML 6Page - Vishay Siliconix ST380C..C Datasheet HTML 7Page - Vishay Siliconix ST380C..C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94410
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
5
ST380CPbF Series
Phase Control Thyristors
(Hockey PUK Version), 960 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
6000
7000
8000
9000
10000
11000
12000
13000
14000
110
100
Numb er Of Eq ua l Amp litud e Half Cycle Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST380C..C Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surg e Current
Versus Pulse Train Duration. Control
Of Conduc tion May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST380C..C Series
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
T = 25°C
J
Insta ntaneousOn-state Voltage (V)
T = 125°C
J
ST380C..C Series
0.001
0.01
0.1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
ST380C..C Series
Steady State Value
R
= 0.09 K/ W
(Single Side Cooled)
R
= 0.04 K/ W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com