Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST730C..L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST730C..L
Description  Phase Control Thyristors (Hockey PUK Version), 990 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST730C..L Datasheet(HTML) 5 Page - Vishay Siliconix

  ST730C..L Datasheet HTML 1Page - Vishay Siliconix ST730C..L Datasheet HTML 2Page - Vishay Siliconix ST730C..L Datasheet HTML 3Page - Vishay Siliconix ST730C..L Datasheet HTML 4Page - Vishay Siliconix ST730C..L Datasheet HTML 5Page - Vishay Siliconix ST730C..L Datasheet HTML 6Page - Vishay Siliconix ST730C..L Datasheet HTML 7Page - Vishay Siliconix ST730C..L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94414
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
5
ST730CLPbF Series
Phase Control Thyristors
(Hockey PUK Version), 990 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
110
100
Numb er Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST730C..L Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
17000
18000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST730C..L Series
Maximum Non Rep etitive Surge Current
Of Conduc tion May Not Be Ma intained.
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST730C..L Series
0.001
0.01
0.1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
St eady State Value
R
= 0.073 K/ W
(Single Side Cooled)
R
= 0.031 K/ W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
ST730C..L Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com