Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST780C..L Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ST780C..L
Description  Phase Control Thyristors (Hockey PUK Version), 1350 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST780C..L Datasheet(HTML) 7 Page - Vishay Siliconix

  ST780C..L Datasheet HTML 1Page - Vishay Siliconix ST780C..L Datasheet HTML 2Page - Vishay Siliconix ST780C..L Datasheet HTML 3Page - Vishay Siliconix ST780C..L Datasheet HTML 4Page - Vishay Siliconix ST780C..L Datasheet HTML 5Page - Vishay Siliconix ST780C..L Datasheet HTML 6Page - Vishay Siliconix ST780C..L Datasheet HTML 7Page - Vishay Siliconix ST780C..L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 95076
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 01-Aug-07
1
TO-200AC (B-PUK)
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
Pin receptacle
AMP. 60598-1
0.7 (0.03) MIN.
34 (1.34) DIA. MAX.
2 places
53 (2.09) DIA. MAX.
2 holes DIA. 3.5 (0.14) x 2.5 (0.1) deep
4.7 (0.18)
27 (1.06) MAX.
0.7 (0.03) MIN.
6.2 (0.24) MIN.
36.5 (1.44)
Creepage distance: 36.33 (1.430) minimum
Strike distance: 17.43 (0.686) minimum
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see thermal and mechanical specification)
20° ± 5°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com