Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2000Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA2000Q
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000Q Datasheet(HTML) 5 Page - Sony Corporation

  CXA2000Q Datasheet HTML 1Page - Sony Corporation CXA2000Q Datasheet HTML 2Page - Sony Corporation CXA2000Q Datasheet HTML 3Page - Sony Corporation CXA2000Q Datasheet HTML 4Page - Sony Corporation CXA2000Q Datasheet HTML 5Page - Sony Corporation CXA2000Q Datasheet HTML 6Page - Sony Corporation CXA2000Q Datasheet HTML 7Page - Sony Corporation CXA2000Q Datasheet HTML 8Page - Sony Corporation CXA2000Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
– 5 –
CXA2000Q
YSSW control input.
When YS is high, the RGB1 block signal
is selected; when YS is low, the Y/C block
is selected. This function can be disabled
by the YS1OFF setting for the I2C bus.
VILMAX = 0.4V
VIHMIN = 1.0V
10
SCPOUT
Sand castle pulse output. The 0 to 5V
BGP pulse, the phase of which is
controlled through the bus, is
superimposed with the 0 to 2V H and
VBLK pulse for output.
11
YS1
12
13
14
R1IN
G1IN
B1IN
Analog R, G and B signal inputs.
Input a 0.7Vp-p (no sync, 100 IRE) signal
via a capacitor.
The signal is clamped to 5.7V at the burst
timing of the signal input to the HSIN
input pin (Pin 47).
15
YS2
YS/YMSW YS control input.
When YS is high, the RGB2 block signal
is selected; when YS is low, the YSSW
output signal is selected.
VILMAX = 0.4V
VIHMIN = 1.0V
10k
1k
1k
10
100µA
40k
11
12
13
14
30k
200
100µA
40k
15
16
YM
YS/YMSW YM control input.
When YM is high, the YSSW output
signal is attenuated by 9.6dB.
VILMAX = 0.4V
VIHMIN = 1.0V
100µA
40k
16
Pin
No.
Symbol
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com