Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3BZ41 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 3BZ41
Description  GENERAL PURPOSE RECTIFIER APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

3BZ41 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  3BZ41 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 3BZ41 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC
37
30
=3.0A
-40~150
-40~150
200(60Hz)
180(50Hz)
3.0
1000
600
100
400
3NZ41
3JZ41
3GZ41
3BZ41
Peak One Cycle Surge Forward Current
GENERAL PURPOSE RECTIFIER APPLICATION
100V-1000V
3.0A
3BZ41,3GZ41,3JZ41,3NZ41
1.2
Forward Current
Peak One Cycle Surge
=Rated
Repetitive Peak Reverse
V
I
Peak Forward Voltage
CHARACTERISTIC
A
RATING
Average Forward Current
Repetitive Peak Reverse Voltage
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
D
D
CHARACTERISTIC
SYMBOL
UNIT
Average Forward Current
Junction Temperature
Storage Temperature Range
V RRM
I F(AV)
I
FSM
T j
Tstg
V
A
°C
°C
Repetitive Peak Reverse Current
SYMBOL
V
FM
TEST CONDITION
FM
RRM
MIN
TYPE
MAX
UNIT
-
-
-
-
V
uA
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Voltage
D
RRM
I
(1)
C/W
Thermal Resistance
-
-
°
R
th(j a)


Similar Part No. - 3BZ41

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
3BZ41 TOSHIBA-3BZ41 Datasheet
188Kb / 3P
RECTIFIER SILICON DIFFUSED TYPE (GENERAL PURPOSE RECTIFIER APPLICATIONS)
More results

Similar Description - 3BZ41

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
General purpose application
SBC557 KODENSHI-SBC557 Datasheet
99Kb / 3P
General purpose application
SBT2222AU KODENSHI-SBT2222AU Datasheet
241Kb / 4P
General purpose application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com