Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2002R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA2002R
Description  2-channel Recording/Playback Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2002R Datasheet(HTML) 5 Page - Sony Corporation

  CXA2002R Datasheet HTML 1Page - Sony Corporation CXA2002R Datasheet HTML 2Page - Sony Corporation CXA2002R Datasheet HTML 3Page - Sony Corporation CXA2002R Datasheet HTML 4Page - Sony Corporation CXA2002R Datasheet HTML 5Page - Sony Corporation CXA2002R Datasheet HTML 6Page - Sony Corporation CXA2002R Datasheet HTML 7Page - Sony Corporation CXA2002R Datasheet HTML 8Page - Sony Corporation CXA2002R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CXA2002R
– 5 –
9
RFAGCTC
—
Pin to apply time constant of
RFAGC.
EVR adjustment of RFAGC
gain is possible.
Adjustment range:
(
2.5V to 4.75V
)
Gain:
Small to Large
10
RFAGCIN
—
RFAGC input pin for the
playback Y signal.
Playback VIDEO signal output
to Pin 14 (MTOUT) is input
again to Pin 10 (RFAGCIN)
via external ATF TRAP, AFM
TRAP and C TRAP.
DC component is cut by
built-in C.
11
DOCDET
2.5
Pin to determine the dropout
detection level.
12
DOP
H: 3.15
L: 0
Output pin for the dropout
detection signal.
High upon dropout.
143
50µ
50µ
25µ
25µ
9
143
50µ
50k
3.25V
10
13p
143
50µ
79k
11
47k
4.15V
12
150
2.4k
1.3m
3.15V
9
Vcc
4700p
470k
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com