Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-PSMF035X Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-PSMF035X
Description  MF-PSMF Series - PTC Resettable Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-PSMF035X Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-PSMF035X Datasheet HTML 1Page - Bourns Electronic Solutions MF-PSMF035X Datasheet HTML 2Page - Bourns Electronic Solutions MF-PSMF035X Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-PSMF Series - PTC Resettable Fuses
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Model
AB
C
D
Min.
Max.
Min.
Max.
Min.
Max.
Min.
MF-PSMF010X
2.00
(0.079)
2.30
(0.091)
1.20
(0.047)
1.50
(0.059)
0.48
(0.019)
0.85
(0.033)
0.20
(0.008)
MF-PSMF020X
2.00
(0.079)
2.30
(0.091)
1.20
(0.047)
1.50
(0.059)
0.48
(0.019)
0.85
(0.033)
0.20
(0.008)
MF-PSMF035X
2.00
(0.079)
2.30
(0.091)
1.20
(0.047)
1.50
(0.059)
0.48
(0.019)
0.85
(0.033)
0.20
(0.008)
MF-PSMF050X
2.00
(0.079)
2.30
(0.091)
1.20
(0.047)
1.50
(0.059)
0.48
(0.019)
0.85
(0.033)
0.20
(0.008)
MF-PSMF075X
2.00
(0.079)
2.30
(0.091)
1.20
(0.047)
1.50
(0.059)
0.75
(0.030)
1.25
(0.049)
0.20
(0.008)
MF-PSMF110X
2.00
(0.079)
2.30
(0.091)
1.20
(0.047)
1.50
(0.059)
0.75
(0.030)
1.25
(0.049)
0.20
(0.008)
Packaging: 3000 pcs. per reel.
Additional Applications
■ Automotive electronic control modules
Terminal material:
Nickel/gold plated.
Termination pad solderability:
Standard Au finish:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
A
B
1.50 ± 0.10
(.059 ± .004)
C
Top View
Bottom View
Side View
Recommended Pad Layout
D
4
1.20 ± 0.10
(.047 ± .004)
1.00 ± 0.05
(.039 ± .002)
Typical Time to Trip at 23 ˚C
The Time to Trip curves represent typical performance of a device in a simulated application
environment. Actual performance in specific customer applications may differ from these values due
to the influence of other variables.
How to Order
MF - PSMF 050 X - 2
Multifuse® Product
Designator
Series
PSMF = 0805 Surface Mount
Component
Hold Current, Ihold
010-110 (0.10 - 1.10 Amps)
Multifuse® freeXpansion™ Design
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
Represents total content. Layout may vary.
1
10
0.1
0.01
0.001
1
0.1
10
100
Current (Amps)
MF-PSMF050X
MF-PSMF035X
MF-PSMF020X
MF-PSMF010X
MF-PSMF075X
MF-PSMF110X
PART IDENTIFICATION:
MF-PSMF010X = 1
MF-PSMF020X = 2
MF-PSMF035X = 3
MF-PSMF050X = 4
MF-PSMF075X = 5
MF-PSMF110X = 6
BIWEEKLY DATE CODE WILL APPEAR ON THE PACKAGING LABEL:
WEEK 1 AND 2 = A
WEEK 51 AND 52 = Z
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com