Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1786 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC1786
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1786 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC1786 Datasheet HTML 9Page - NXP Semiconductors LPC1786 Datasheet HTML 10Page - NXP Semiconductors LPC1786 Datasheet HTML 11Page - NXP Semiconductors LPC1786 Datasheet HTML 12Page - NXP Semiconductors LPC1786 Datasheet HTML 13Page - NXP Semiconductors LPC1786 Datasheet HTML 14Page - NXP Semiconductors LPC1786 Datasheet HTML 15Page - NXP Semiconductors LPC1786 Datasheet HTML 16Page - NXP Semiconductors LPC1786 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
13 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P0[13]
45
R2
J5
32
[5]
I;
PU
I/O
P0[13] — General purpose digital input/output pin.
O
USB_UP_LED2 — USB port 2 GoodLink LED indicator. It is
LOW when the device is configured (non-control endpoints
enabled), or when the host is enabled and has detected a
device on the bus. It is HIGH when the device is not configured,
or when host is enabled and has not detected a device on the
bus, or during global suspend. It transitions between LOW and
HIGH (flashes) when the host is enabled and detects activity on
the bus.
I/O
SSP1_MOSI — Master Out Slave In for SSP1.
I
ADC0_IN[7] — A/D converter 0, input 7. When configured as an
ADC input, the digital function of the pin must be disabled.
P0[14]
69
T7
M5
48
[3]
I;
PU
I/O
P0[14] — General purpose digital input/output pin.
O
USB_HSTEN2 — Host Enabled status for USB port 2.
I/O
SSP1_SSEL — Slave Select for SSP1.
O
USB_CONNECT2 — SoftConnect control for USB port 2.
Signal used to switch an external 1.5 k
 resistor under software
control. Used with the SoftConnect USB feature.
P0[15]
128
J16
H13
89
[3]
I;
PU
I/O
P0[15] — General purpose digital input/output pin.
O
U1_TXD — Transmitter output for UART1.
I/O
SSP0_SCK — Serial clock for SSP0.
P0[16]
130
J14
H14
90
[3]
I;
PU
I/O
P0[16] — General purpose digital input/output pin.
I
U1_RXD — Receiver input for UART1.
I/O
SSP0_SSEL — Slave Select for SSP0.
P0[17]
126
K17
J12
87
[3]
I;
PU
I/O
P0[17] — General purpose digital input/output pin.
I
U1_CTS — Clear to Send input for UART1.
I/O
SSP0_MISO — Master In Slave Out for SSP0.
P0[18]
124
K15
J13
86
[3]
I;
PU
I/O
P0[18] — General purpose digital input/output pin.
I
U1_DCD — Data Carrier Detect input for UART1.
I/O
SSP0_MOSI — Master Out Slave In for SSP0.
P0[19]
122
L17
J10
85
[3]
I;
PU
I/O
P0[19] — General purpose digital input/output pin.
I
U1_DSR — Data Set Ready input for UART1.
O
SD_CLK — Clock output line for SD card interface.
I/O
I2C1_SDA — I2C1 data input/output (this pin does not use a
specialized I2C pad).
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com