Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL01Z Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # AL01Z
Description  Ultra-Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

AL01Z Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  AL01Z Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 of 1
AL01Z/EL 1Z/EL 1
200V-350V
1.0A-1.5A
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/ W)
(g)
Mass
Others
AL01Z
20
1.0
1.5
50
100/100
100/200
–40 to +150
35
17.0
22.0
0.13
0.3
EL 1Z
EL 1
A
B
200
25
1.30
0.98
10
100
200
1.5
1.0
350
500
50
4
16
12
8
20
0
1
5
50
10
20ms
4
16
12
8
20
0
1
5
50
10
20ms
5
20
15
10
25
0
1
5
50
10
20ms
10
1
0.1
0.01
0.001
20
10
1
0.1
0.01
0.001
20
10
1
0.1
0.01
0.001
0
0
25
50
75
150
0.2
0.4
0.6
0.8
1.0
125
100
0.8
0.4
2.0
1.6
1.2
0
2.4
L =10 mm
L =10 mm
P.C.B
180•100 •1.6 t
10 mm
0
0
25
50
75
150
0.3
0.6
0.9
1.2
1.5
125
100
50
P.C.B. t 1.6
3.0 t 50
µCu
0
0
25
50
75
150
0.3
0.6
0.9
1.2
1.5
125
100
50
P.C.B. t 1.6
3.0 t 50
µCu
0.4
0.6
0.8
1.0
0.2
1.2
1.4
1.6
Ta 150ºC
=
60ºC
100ºC
25ºC
0.2 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Ta 150ºC
=
60
ºC
100
ºC
25
ºC
Ta 150ºC
=
60ºC
90ºC
25ºC
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
Copper Foil
Solder
t rr
Œ
(ns)
t rr

(ns)
Rth ( j - )
AL01Z
EL 1Z
EL 1
Ultra-Fast-Recovery Rectifier Diodes


Similar Part No. - AL01Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
AL01Z SANKEN-AL01Z Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
More results

Similar Description - AL01Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com