Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV26C Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYV26C
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYV26C Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYV26C Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 5Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 6Page - Shenzhen Taychipst Electronic Co., Ltd BYV26C Datasheet HTML 7Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 1 A; Tj =Tj max;
see Figs 14 and 15
BYV26A to E
−−
1.3
V
BYV26F and G
−−
1.3
V
VF
forward voltage
IF =1A;
see Figs 14 and 15
BYV26A to E
−−
2.50
V
BYV26F and G
−−
2.15
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 0.1 mA
BYV26A
300
−−
V
BYV26B
500
−−
V
BYV26C
700
−−
V
BYV26D
900
−−
V
BYV26E
1100
−−
V
BYV26F
1300
−−
V
BYV26G
1500
−−
V
IR
reverse current
VR =VRRMmax; see Fig.16
−−
5
µA
VR =VRRMmax;
Tj = 165 °C; see Fig.16
−−
150
µA
trr
reverse recovery time
when switched from
IF = 0.5 A to IR =1A;
measured at IR = 0.25 A;
see Fig.20
BYV26A to C
−−
30
ns
BYV26D and E
−−
75
ns
BYV26F and G
−−
150
ns
Cd
diode capacitance
f = 1 MHz; VR =0V;
see Figs 17 and 18
BYV26A to C
−
45
−
pF
BYV26D and E
−
40
−
pF
BYV26F and G
−
35
−
pF
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.19.
For more information please refer to the
“General Part of associated Handbook”.
maximum slope of reverse recovery
current
when switched from
IF = 1 A to VR ≥ 30 V and
dIF/dt = −1A/µs;
see Fig.21
BYV26A to C
−−
7A/
µs
BYV26D and E
−−
6A/
µs
BYV26F and G
−−
5A/
µs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
46
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dI
R
dt
--------
200V-1400V
0.65A-1.05
Fast soft-recovery
controlled avalanche rectifiers
BYV26 series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com