Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGP15D Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # EGP15D
Description  INTERED GLASS PASSIVATED INTERED GLASS PASSIVATED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

EGP15D Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  EGP15D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd EGP15D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V 1.5A
EGP15A THRU EGP15M
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Superfast recovery time for high efficiency
* Low forward voltage , high current capability
* Low leakage current
* High surge current capability
* High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC DO-204AC molded plastic over glass body
Terminals : Plated axial leads , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.015 ounes , 0.4 gram
INTERED GLASS PASSIVATED
JUNCTION HIGH EFFICIENT RECTIFIER
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.5 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
TA=150
o
C
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
Typical thermal resistance (NOTE 3)
Operating junction and storage temperature range
SYMBOLS
VRRM
VRMS
VDC
I (AV)
IFSM
VF
IR
trr
CJ
R JA
R JL
TJ,TSTG
EGP15
A
B
D
F
G
J
M
50
100
200
300
400
600
1000
35
70
140
210
280
420
700
1.5
50
45
1.0
1.25
1.7
5
30
80
5
80
-
50
75
35
40
15
-65 to +175
-55 to +150
UNITS
Volts
Volts
Maximum DC blocking voltage
50
100
200
300
400
600
1000
K
800
560
800
Volts
Volts
Amps
Amps
uA
nS
pF
o
C / W
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B. mounted.


Similar Part No. - EGP15D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP15D ZOWIE-EGP15D Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
TAITRON Components Inco...
EGP15D TAITRON-EGP15D Datasheet
145Kb / 4P
1.5A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Leshan Radio Company
EGP15D LRC-EGP15D Datasheet
211Kb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
EGP15D LRC-EGP15D_15 Datasheet
207Kb / 7P
Glass Passivated Junction
More results

Similar Description - EGP15D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10A LITTELFUSE-T10A Datasheet
68Kb / 1P
Glass passivated junction
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
GLASS PASSIVATED GLASS PASSIVATED
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
EIC discrete Semiconduc...
GBU8A EIC-GBU8A Datasheet
168Kb / 2P
Glass Passivated
GBU8005 EIC-GBU8005 Datasheet
64Kb / 2P
Glass Passivated
HFR180 EIC-HFR180 Datasheet
93Kb / 2P
GLASS PASSIVATED
KBL400G EIC-KBL400G Datasheet
58Kb / 2P
GLASS PASSIVATED
logo
First Components Intern...
GBL400G FCI-GBL400G Datasheet
235Kb / 2P
4.0Amp GLASS PASSIVATED BRIGGE Rectifiers GLASS PASSIVATED
logo
HY ELECTRONIC CORP.
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
GLASS PASSIVATED GLASS PASSIVATED
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com