Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4625 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4625
Description  2-channel 13.5W BTL Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4625 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4625_10 Datasheet HTML 1Page - Sanyo Semicon Device LA4625_10 Datasheet HTML 2Page - Sanyo Semicon Device LA4625_10 Datasheet HTML 3Page - Sanyo Semicon Device LA4625_10 Datasheet HTML 4Page - Sanyo Semicon Device LA4625_10 Datasheet HTML 5Page - Sanyo Semicon Device LA4625_10 Datasheet HTML 6Page - Sanyo Semicon Device LA4625_10 Datasheet HTML 7Page - Sanyo Semicon Device LA4625_10 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LA4625
No.6631-2/8
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
12
V
Recommended load resistance range
RL op
4 to 8
Ω
Allowable operating supply voltage
VCC op
7.2 to 20
V
Note : With VCC, RL, and the output level in ranges such that the Pd max for the heat sink used is not exceeded.
Electrical Characteristics at Ta = 25°C, VCC = 12V, RL = 4Ω, f = 1kHz, Rg = 600Ω
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
Rg = 0
65
120
240
mA
Standby mode current drain
Ist
Standby mode (amplifier off), with no power
supply capacitor.
10
60
µA
Voltage gain
VG
VO = 0dBm
38
40
42
dB
Total harmonic distortion
THD
PO = 1W, Filter = FLAT
0.06
0.2
%
Output power
PO1
THD = 10%
10
13.5
W
Output offset voltage
VN offset
Rg = 0
-300
+300
mV
Output noise voltage
VNO
Rg = 0, BPF = 20Hz to 20kHz
0.1
0.5
mV
Ripple rejection ratio
SVRR
Rg = 0, VR = 0dBm, fR = 100Hz
40
50
dB
Channel separation
CHsep
Rg = 10k
Ω, VO = 0dBm
50
60
dB
Input resistance
Ri
21
30
39
k
Ω
Standby pin applied voltage
VST
Amplifier on
(applied through an external 10k
Ω resistor)
2.5
VCC
V
Package Dimensions
unit : mm (typ)
3113B
0
Pd max -- Ta
-20
35
25
30
15
20
10
5
20
0
40
60
80
100
120
140
160
θf = 3˚C/W
θf = 4˚C/W
θf = 7˚C/W
θjc = 2˚C/W
Νο Fin
θf = 10˚C/W
32.5
20.83
13.9
10.4
3.1
Infinite heat sink
Ambient temperature, Ta -- ˚C
AI heat sink Mounting
torque 39N • cm Flat
washer Silicone grease
applied



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com