Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA74309FA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA74309FA
Description  Microphone Amplifier for Digital Still Camera
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74309FA Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA74309FA Datasheet HTML 1Page - Sanyo Semicon Device LA74309FA Datasheet HTML 2Page - Sanyo Semicon Device LA74309FA Datasheet HTML 3Page - Sanyo Semicon Device LA74309FA Datasheet HTML 4Page - Sanyo Semicon Device LA74309FA Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA74309FA
No.A2050-2/5
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended power supply voltage
VCC
3.3
V
Operating voltage range of VCC
VCCop
3.1 to 3.6
V
Electrical Characteristics at Ta=25
°C, VCC=3.3V, f=1kHz
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit current
VCC no signal current dissipation
ICC
VCC=3.3V, Active mode (Pin3=3V)
3.9
5.3
6.7
mA
VCC standby current dissipation
ICCS
VCC=3.3V, Standby mode (Pin3=0V)
10
μA
REC output system
Standard REC output level
VOR
VIN=-49dBV at ALC IN pin (=Standard level)
-10
-9
-8
dBV
Standard REC output distortion
HDR
ALC IN, VIN=-49dBV, THD from to 5th harmonic
0.1
0.2
%
ALC characteristics
ALM
ALC IN, VIN=-17dBV (=Standard level +32dB)
-3
-1
dBV
ALC THD
ALMD
ALC IN, VIN=-17dBV (=Standard level +32dB),
THD from to 5th harmonic
0.25
1
%
ALC IN maximum input level
VINRMX
REC output THD
≤3%
-10
dBV
REC output noise level
VNOR
No signal at MIC IN pin, with JIS-A Filter
-53
-47
dBV
REC output frequency
characteristics 1
FEQR1
ALC IN, VIN=-17dBV, The output level ratio at
f=11kHz/1kHz
-5
-3
-1
dB
REC output frequency
characteristics 2
FEQR2
ALC IN, VIN=-17dBV, The output level ratio at
f=22kHz/1kHz
-18
-12
dB
REC output frequency
characteristics 3
FEQR3
ALC IN, VIN=-17dBV, The output level ratio at
f=100kHz/1kHz
-55
-45
dB
MIC output system
MIC voltage gain
VGMIC
VIN=-39dBV at MIC IN pin
19
20
21
dB
MIC output THD
HDMIC
MIC IN, VIN=-39dBV, THD from to 5th harmonic
0.03
0.1
%
MIC IN maximum input level
VINMMX
MIC output THD=3%
-30
dBV
MIC VCC output DC voltage
VMIC
With 6.2k
Ω load
1.5
1.7
1.9
V
Package Dimensions
unit : mm (typ)
3428
SANYO : Micro10
3.0
0.25
0.16
0.5
1
10
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com