Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y13 Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # Y13
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

Y13 Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  Y13 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd Y13 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd Y13 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
BZY97 SERIES
BZY97 SERIES
3 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
3.9V-200V
1.5W
ZENER DIODES
Figure 1. Admissible Power Dissipation
Figure 2. Pulse Thermal Resistance
C
°
Figure 4. Dynamic Resistance
Figure 5. Dynamic Resistance
vs. Ambient Temperature
vs. Zener Current
vs. Pulse Duration
vs. Zener Current
Figure 3. Dynamic Resistance
vs. Zener Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com