Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317LBZ Datasheet(PDF) 9 Page - ON Semiconductor

Part # LM317LBZ
Description  100 mA Adjustable Output, Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LBZ Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LM317LBZ Datasheet HTML 4Page - ON Semiconductor LM317LBZ Datasheet HTML 5Page - ON Semiconductor LM317LBZ Datasheet HTML 6Page - ON Semiconductor LM317LBZ Datasheet HTML 7Page - ON Semiconductor LM317LBZ Datasheet HTML 8Page - ON Semiconductor LM317LBZ Datasheet HTML 9Page - ON Semiconductor LM317LBZ Datasheet HTML 10Page - ON Semiconductor LM317LBZ Datasheet HTML 11Page - ON Semiconductor LM317LBZ Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LM317L, NCV317LB
http://onsemi.com
9
30
50
70
90
110
130
150
0.4
0.8
1.2
1.6
2.0
2.4
2.8
020
30
50
40
10
L, LENGTH OF COPPER (mm)
170
3.2
RθJA
2.0 oz.
Copper
Graph represents symmetrical layout
3.0 mm
L
L
Figure 24. SOP-8 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
PD(max) for TA = 50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com