Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3252EABCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3252EABCZ
Description  Isolated, Dual Channel, RS-232 Line Driver/Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3252EABCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3252EABCZ Datasheet HTML 3Page - Analog Devices ADM3252EABCZ Datasheet HTML 4Page - Analog Devices ADM3252EABCZ Datasheet HTML 5Page - Analog Devices ADM3252EABCZ Datasheet HTML 6Page - Analog Devices ADM3252EABCZ Datasheet HTML 7Page - Analog Devices ADM3252EABCZ Datasheet HTML 8Page - Analog Devices ADM3252EABCZ Datasheet HTML 9Page - Analog Devices ADM3252EABCZ Datasheet HTML 10Page - Analog Devices ADM3252EABCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADM3252E
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1, L1
NC
No Connect. These pins are left unconnected.
A2, B1, B2
VCC
Power Supply Input. A 10 μF and a 0.1 μF decoupling capacitor are required between VCC and ground.
The device requires a voltage between 3.0 V and 5.5 V.
A10, B10, C10
VISO
Supply Voltage for Isolator Secondary Side. A 10 μF and a 0.1 μF decoupling capacitor are required
between VISO and ground.
A11, L11
DNC
Do Not Connect. Do not connect or route anything through these pins.
B11
V+
Internally Generated Positive Supply.
C1, C2, D2, E1, E2,
F2, G1, G2, H2, J1,
J2, K2, L2
GND
Ground Reference for Logic Side.
C11, E11, G10, G11
C1+, C1−,
C2−, C2+
Positive and Negative Connections for Charge Pump Capacitors. External Capacitors C1 and C2 are
connected between these pins; a 0.1 μF capacitor is recommended, but larger capacitors of up to 10 μF
can be used.
D1
TIN1
Transmitter (Driver) Input 1. A logic low on this input generates a high on TOUT1; a logic high on this
input generates a low on TOUT1. This pin accepts TTL/CMOS levels. This is a high impedance input pin;
therefore, it should not be left floating.
D10, E10, F10, H10,
J10, K10, L10
GNDISO
Ground Reference for Isolated RS-232 Side.
D11
TOUT1
Transmitter (Driver) Output 1. This pin outputs RS-232 signal levels.
F1
TIN2
Transmitter (Driver) Input 2. A logic low on this input generates a high on TOUT2; a logic high on this
input generates a low on TOUT2. This pin accepts TTL/CMOS levels. This is a high impedance input pin;
therefore, it should not be left floating.
F11
TOUT2
Transmitter (Driver) Output 2. This pin outputs RS-232 signal levels.
H1
ROUT1
Receiver Output 1. This pin outputs CMOS logic levels.
H11
RIN1
Receiver Input 1. A logic low on this input generates a high on ROUT1; a logic high on this input generates a
low on ROUT1. This input pin accepts RS-232 signal levels and has an internal 5 kΩ pull-down resistor.
J11
V−
Internally Generated Negative Supply.
K1
ROUT2
Receiver Output 2. This pin outputs CMOS logic levels.
K11
RIN2
Receiver Input 2. A logic low on this input generates a high on ROUT2; a logic high on this input generates a
low on ROUT2. This input pin accepts RS-232 signal levels and has an internal 5 kΩ pull-down resistor.
A
1
2
3
4
5
6
7
8
9
10
11
B
C
D
E
F
G
H
J
K
L
BALLS IN COLUMN 3 TO
COLUMN 9 REMOVED
FOR ISOLATION
TOP VIEW
(Not to Scale)
ADM3252E
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
NC
VCC
GND
TIN1
GND
TIN2
GND
ROUT1
GND
ROUT2
NC
VISO
VISO
VISO
GNDISO
GNDISO
GNDISO
C2–
GNDISO
GNDISO
GNDISO
GNDISO
DNC
V+
C1+
TOUT1
C1–
TOUT2
C2+
RIN1
V–
RIN2
DNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com