Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28107
Description  Intersil?셲 Solutions for Industrial Process Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28107 Datasheet HTML 5Page - Intersil Corporation ISL28107 Datasheet HTML 6Page - Intersil Corporation ISL28107 Datasheet HTML 7Page - Intersil Corporation ISL28107 Datasheet HTML 8Page - Intersil Corporation ISL28107 Datasheet HTML 9Page - Intersil Corporation ISL28107 Datasheet HTML 10Page - Intersil Corporation ISL28107 Datasheet HTML 11Page - Intersil Corporation ISL28107 Datasheet HTML 12Page - Intersil Corporation ISL28107 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
www.intersil.com/industrial_process_control | 9
PLC
Analog Input
Analog Output
Control
Sensors
Power
Single-Ended PWM Controller: ISL8840A
40V Precision Op Amp: ISL28208
High Performance
Single Ended
Current Mode PWM
Controller
40V Precision,
Low Power, Single
Supply, RRO Op Amp
• 1A MOSFET Gate Driver
• 90μA Start-up Current, 125μA Maximum
• 35ns Propagation Delay Current Sense to Output
• Fast Transient Response with Peak Current Mode Control
• 30V Operation
• Adjustable Switching Frequency
• 20ns Rise and Fall Times with 1nF Output Load
• Trimmed Timing Capacitor Discharge Current for Accurate
Deadtime/Maximum Duty Cycle Control
• 1.5MHz Bandwidth Error Amplifier
• Tight Tolerance Voltage Reference Over Line, Load and
Temperature
• ±3% Current Limit Threshold
• Wide Input Range
• Rail-to-Rail Output
• Single or Dual Supply
Operating
• Low Power - 250µA max
Key Features
Key Features
Tight Tolerance Voltage Reference Over Line, Load, and
Temperature
Typical Application Circuit
REFERENCE VOLTAGE vs TEMPERATURE
Intersil’s ISL28208 is a high voltage precision,
low power op amp, featuring single power supply
operation and rail-to-rail output to provide full
output dynamic range to take take full advantage
of the ADC performance in precision applications
without compromise.
IN-
IN+
RF
RREF+
ISL28208
+3V
V-
V+
RIN-
10kΩ
RIN+
10kΩ
-
+
100kΩ
VREF
100kΩ
VOUT
LOAD
RSENSE
SINGLE-SUPPLY, LOW-SIDE
GAIN = 10
to 40V
CURRENT SENSE AMPLIFIER
• Precision
- Low Offset Voltage: 230µV max
- Low Drift: 0.1µV/°C typ
• Low Noise
- 15.8nV/√Hz @ 1kHz
- 80fA/√Hz @ 1kHz
Evalboard
Available!
Evalboard
Available!
-60 -40 -20
0 20 40 60 80 100
0.995
0.996
0.997
0.998
0.999
1.000
1.001
TEMPERATURE (°C)
140
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com