Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.DP1203-433-R Datasheet(PDF) 7 Page - Semtech Corporation

Part # WI.DP1203-433-R
Description  True UART to Antenna Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

WI.DP1203-433-R Datasheet(HTML) 7 Page - Semtech Corporation

Back Button WI.DP1203-433-R Datasheet HTML 3Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 4Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 5Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 6Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 7Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 8Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 9Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 10Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
WI.DP1203-XXX-R DATASHEET
6
2. Application Information
2.1. Pin-out Diagram
Figure 1: Pin-out Diagram
2.2. Pin Description
No.
Name
I/O
Description
1
GND
Ground
2
RF_IN/ OUT
IN/ OUT
RF Input/ Output Terminal
3
GND
Ground
4
VDDP
Supply Voltage/ Advised NC
5
VDDA
Supply Voltage
6
GND
Ground
7
VDD
Supply Voltage
8
EN
IN
3-wire interface communication enable signal
9
SWITCH
IN/ OUT
Operating mode selection
10
GND
Ground
11
GND
Ground
12
SO
OUT
Data output of the 3-wires interface
13
SI
IN
Data input of the 3-wires interface
14
SCK
IN
Input clock of the 3-wires interface
15
CLKOUT
OUT
Output clock at quartz frequency divided by 4, 8, 16 or 32
16
DCLK
OUT
Transmitter or Receiver clock
17
DATA
IN/ OUT
Transmitter input data or Receiver output data
18
DATAIN
IN
Transmitter input data
19
PATTERN
OUT
Output of the pattern recognition block
20
RX
IN
Antenna switch RX select
21
TX
IN
Antenna switch TX select
Table 1, Module Pin Descriptions
Chapter
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com