Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.DP1203-868-R Datasheet(PDF) 17 Page - Semtech Corporation

Part # WI.DP1203-868-R
Description  True UART to Antenna Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

WI.DP1203-868-R Datasheet(HTML) 17 Page - Semtech Corporation

Back Button WI.DP1203-868-R Datasheet HTML 9Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 10Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 11Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 12Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 13Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 14Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 15Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 16Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
WI.DP1203-XXX-R DATASHEET
16
10. Ordering Information
Product Part Number
Description
Wi.DP1203-433-R
Embedded Wireless Module (433 MHz)
Wi.DP1203-868-R
Embedded Wireless Module (868 MHz)
Wi.DP1203-915-R
Embedded Wireless Module (900 MHz)
10.1. Contact Information
Corporate Headquarters:
905 Messenger Lane
Moore, Oklahoma 73160
405-794-7730
website:
www.radiotronix.com
support:
support@radiotronix.com
10.1.1. Technical Support
Radiotronix has built a solid technical support infrastructure so that you can get answers to your questions
when you need them. Our primary technical support tools are the support forum and knowledge base found
on our website. We are continuously updating these tools. To find the latest information about these
technical support tools, please visit http://www.radiotronix.com/support. Our technical support engineers are
available Mon-Fri between 9:00 am and 5:00 pm central standard time. The best way to reach a technical
support engineer is to submit a Webcase. Webcase submissions can be made at
http://www.radiotronix.com/support/webcase.asp. For customers that would prefer to talk directly to a support
engineer, we do offer phone support free of charge.
10.1.2. Sales Support
Our sales department can be reached via e-mail at sales@radiotronix.com or by phone at 405-794-
7730. Our sales department is available Mon-Fri between 8:30 am and 5:00 pm central standard time.
Visit our web site at http://www.radiotronix.com/corpsales.asp for information on where to buy our
products.
Chapter
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com