Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPM320C1DFG Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TMPM320C1DFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM320C1DFG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TMPM320C1DFG Datasheet HTML 1Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 2Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 3Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 4Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 5Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 6Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 7Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 8Page - Toshiba Semiconductor TMPM320C1DFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Operating
Frequency
MHz
20
40
60
100
150
200
300
100 to 150 MHz
++: Planning
CortexTM-A9++
ARM-Future
Cortex-Next
M370 Group
M340 Group
M330 Group
M390 Group
TX03 Series (ARM CortexTM-M3)
M320 Group
TX09 Series (ARM926EJ-STM)
A910 Group
A900 Group
M350 Group
M360 Group
M380 Group
Industry’s highest code density
Thumb®-2 ISA with 32-bit and 16-bit instructions
Programmers can create software without being
concerned about ARM and Thumb codes.
Ideal for real-time control
Instructions with long execution times can be
suspended or canceled via interrupts.
The hardware automatically pushes registers onto stack.
High capacity and low power consumption
Allows embedding of industry’s highest-capacity memory.
Combines fast programming with low power consumption.
High
Code
Density
Fast
Interrupt
Response
The ICE pins do not require a pull-up resistor.
The ARM CortexTM-M3 operates from a single
5-V supply.
(M370 and M380 Groups)
Features
Unique to
Toshiba
TX03 Series
On-Chip
High-Capacity
Memory
Independent
RTC
High-Accuracy
ADC and
DAC
Hardware
CEC
Controller
Multiple
Serial
Interfaces
Multiple-
Purpose
Timers
Hardware
Vector
Control
ARM Core Ideal for
Embedded Applications
ARM CortexTM-M3
Vector
Engine
Home
Appliances
Connectivity
AV Link
Mobile
DSC
Car Audio
Car
NANO
FLASHTM
ARM CortexTM-M3 core
De facto standard
The best-proven HW/SW development environment and
support services
M370 Group
M380 Group
M360 Group
M330 Group
M390 Group
M340 Group
USB Host
Controller
A-PMD
CAN
M320 Group
M350 Group
ARM CortexTM-M3
CPU
Features of the TX03 Series
Roadmap for ARM Core-Based Microcontrollers
Microcontrollers with an ARM core are becoming increasingly popular not only for cell phone applications but also for
general-purpose applications. Toshiba is the first Japanese vendor to release general-purpose microcontrollers with an
ARM CortexTM-M3 core. Our product lineup includes microcontrollers with a broad spectrum of peripherals.
The TX03 microcontroller series embeds an ARM CortexTM-M3 core, which provides high code density and fast interrupt
response times required for real-time applications. The TX03 Series also incorporates a Toshiba-proprietary NANO FLASHTM
memory featuring high capacity and low power consumption.
ARM Core-Based Microcontrollers Proven in the Global Market
Note: System block diagrams in this
brochure only show the typical
application examples.
NANO FLASH is a trademark of Toshiba
Corporation.
ARM, Cortex, Thumb and ARM926EJ-S
are trademarks or registered trademarks of
ARM Limited in the EU and other countries.
M350 Group (for Automotive Applications)........ 12
M320 Group (for Audio Applications) ................ 13
Development Environment ....................... 14 to 15
Third-Party Development Support Tools ... 16 to 18
TX03 Series Product Lineup.............................. 19
Toshiba’s ARM Core-Based
Microcontroller Lineup ...............................20 to 23
Toshiba’s ARM Core-Based Microcontrollers ... 2 to 3
M330 Group............................................................ 4
M340 Group............................................................ 5
M360 Group..................................................... 6 to 7
M370 Group..................................................... 8 to 9
M380 Group.......................................................... 10
M390 Group.......................................................... 11
CONTENTS
Toshiba’s ARM Core-Based Microcontrollers
–
2 –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com