Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHB-5R0V255-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PHB-5R0V255-R
Description  Supercapacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PHB-5R0V255-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PHB-5R0V255-R Datasheet HTML 1Page - Cooper Bussmann, Inc. PHB-5R0V255-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Cooper Bussmann PowerStor supercapacitors are unique, ultra-high
capacitance devices utilizing electrochemical double layer capacitor (EDLC)
construction combined with new, high performance materials. This
combination of advanced technologies allows Cooper Bussmann to offer a
wide variety of capacitor solutions tailored to specific applications that range
from a few micro-amps for several days to several amps for milliseconds.
Features & Benefits
Applications
• Large capacitance for high
• Bridging or hold-up power
energy density
• Memory back-up
• Low ESR for high power density
• Battery Swap out
Supercapacitors
PHB Series
Specifications
Working Voltage (Maximum)
5.0V
Surge Voltage
5.5V
Nominal Capacitance Range
1.5F to 5F
Capacitance Tolerance
-10% to +30% (20°C)
Operating Temperature Range
-25°C to 70°C
Extended Operating Temperature Range
-25°C to 85°C (with linear voltage derating to 4.0V @ 85°C)
Standard Product
Maximum ESR (
Ω)
Nominal
(Equivalent Series Resistance)
Leakage Current (
μA)
Nominal
Part Number
Measured @
After 100 Hrs.
Nominal
Typical Mass
Capacitance (F)
Vertical
Horizontal
1kHz
100Hz
@ 5V, 20°C
Dimensions (mm)
(grams/piece)
1.5
PHB-5R0V155-R
PHB-5R0H155-R
0.31
0.33
10
8.5 x 16.8 x 21.5
3.3
2.5
PHB-5R0V255-R
PHB-5R0H255-R
0.19
0.20
14
10.5 x 20.8 x 22.5
5.0
3.0
PHB-5R0V305-R
PHB-5R0H305-R
0.19
0.20
16
8.5 x 16.8 x 31.5
5.3
5.0
PHB-5R0V505-R
PHB-5R0H505-R
0.12
0.13
25
10.5 x 20.8 x 32
7.5
Performance
Capacitance Change
ESR
Parameter
(% of initial specified value)
(% of initial specified value)
Life (1000 hrs @ 70°C @ 5Vdc)
< 30 %
< 200 %
Storage - Low and High Temperature
(1000 hrs @ -25°C and 85°C)
< 30 %
< 200 %
Pb
HALOGEN
HF
FREE
0111
BU-SB11021
Page 1 of 2
Data Sheet: 4402
Leaded Cylindrical Device


Similar Part No. - PHB-5R0V255-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PHB-5R0V255-R EATON-PHB-5R0V255-R Datasheet
350Kb / 3P
Cylindrical pack
More results

Similar Description - PHB-5R0V255-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
Supercapacitors
PA-5R0H474-R COOPER-PA-5R0H474-R Datasheet
245Kb / 2P
Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
A_SERIES COOPER-A_SERIES Datasheet
105Kb / 2P
Supercapacitors
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
Supercapacitors
logo
Kemet Corporation
FM-SERIES KEMET-FM-SERIES Datasheet
560Kb / 17P
Supercapacitors
12/16/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com