Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPA7030-4R7-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # MPA7030-4R7-R
Description  High Frequency, High Current Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MPA7030-4R7-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  MPA7030-4R7-R Datasheet HTML 1Page - Cooper Bussmann, Inc. MPA7030-4R7-R Datasheet HTML 2Page - Cooper Bussmann, Inc. MPA7030-4R7-R Datasheet HTML 3Page - Cooper Bussmann, Inc. MPA7030-4R7-R Datasheet HTML 4Page - Cooper Bussmann, Inc. MPA7030-4R7-R Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Temperature Rise vs. Total Loss
Core Loss
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Total Loss (W)
0611
BU-SB11644
Page 3 of 5
Data Sheet: 4421
0.001
0.01
0.1
1
10
100
1000
10000
Bp-p (Gauss)
Core Loss vs. Bp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com