Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPM366FDFG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TMPM366FDFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM366FDFG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TMPM366FDFG Datasheet HTML 1Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 2Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 3Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 4Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 5Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 6Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 7Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 8Page - Toshiba Semiconductor TMPM366FDFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Sound IC
AV-SW
Power
Control
LED
Key
Inputs
IR Signal
Transmitter
Remote Controller
Transmitter
Flash ROM
Tuner
Panel
SDRAM
HDMI
CEC
UART
I2C BUS
EEPROM
Mixed-Signal Controller
TMP89FH00
Sensor
System Control Section
Sensor Control MCU
CEC Sub MCU
TMPM330
TMPM332
RISC Core
MPEG
Decoder
Graphics/OSD
HDMI
Video/Audio Processor
Amp
The M330 Group of microcontrollers are ideal for audiovisual applications. They incorporate a remote control signal
receiving function and a Consumer Electronics Control (CEC) interface that remain active even in 32-kHz SLEEP mode.
This helps to reduce standby power consumption of audiovisual systems.
High-performance ARM CortexTM-M3 core: 40-MHz operation (max)
Toshiba-original low-power consumption NANO FLASHTM memory: Fast programming
Various serial interfaces
CEC interface and remote control signal preprocessor that remain active even in SLEEP
mode
High-speed, high-accuracy 10-bit AD converter (1.15- s conversion time @40 MHz)
Real-time clock (RTC)
Digital TVs
Hard disk recorders
Projectors
Blu-ray players
Set-top boxes
AV systems
Home appliances
Factory equipment
Office equipment
Features
Application
Product Lineup
System Block Diagram (Digital TV)
TMPM330FWFG
TMPM330FYFG
TMPM330FYWFG
TMPM330FDFG
TMPM330FDWFG
TMPM332FWUG
TMPM333FWFG
TMPM333FYFG
TMPM333FDFG
Part Number
128 KB
256 KB
256 KB
512 KB
512 KB
128 KB
128 KB
256 KB
512 KB
8 KB
16 KB
16 KB
32 KB
32 KB
8 KB
8 KB
16 KB
32 KB
LQFP100 (14 x 14 mm)
LQFP100 (14 x 14 mm)
LQFP100 (14 x 14 mm)
LQFP100 (14 x 14 mm)
LQFP100 (14 x 14 mm)
LQFP64 (10 x 10 mm)
LQFP100 (14 x 14 mm)
LQFP100 (14 x 14 mm)
LQFP100 (14 x 14 mm)
ROM (Flash)
Size
RAM
Size
Package
CEC interface
Remote control signal preprocessor
Real-time clock (RTC)
* The TMPM330FDWFG and TMPM330FYWFG support an extended
temperature range.
Real-time clock (RTC)
Features
–
4 –
M330 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com