Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPM367FDFG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TMPM367FDFG
Description  32-Bit Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM367FDFG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TMPM367FDFG Datasheet HTML 1Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 2Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 3Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 4Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 5Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 6Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 7Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 8Page - Toshiba Semiconductor TMPM367FDFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Image Processing Section
Timing Signals
AF Control
Shutter Control
Aperture Control
Other Signals
Camera Control Section
Analog
Front
End
USB
IEEE 1394
Wireless/Infrared
AE
Sensor
AF
Sensor
DRAM
Camera Keys
& Switches
Memory
Card
Lens Control
TMPM341
Picture
Display
LCD
DSC Signal
Processor
Contains a graphics engine.
Battery Control
Information Display
LCD
LCD Driver
System Control
TMP19A44
Performs picture
display tasks.
Performs the main
processing of the camera
control section.
Provides lens control.
Area
Sensor
Capture Section
System Control
Section
Display Section
Storage
The image processing and camera
control sections are designed to
operate independently to improve
image processing performance and
speed up multi-point autofocus.
The M340 Group of microcontrollers are ideal for digital video camera, digital still camera and camera lens control
applications. They incorporate analog circuits required for optical image stabilization, autofocus and auto-exposure control.
The high-performance ARM CortexTM-M3 core provides high-speed computation functionality. Additionally, a high-resolution
programmable phase generator (PPG) enables smooth and quiet motor operation.
High-performance ARM CortexTM-M3 core: 54-MHz operation (max)
Toshiba-original NANO FLASHTM memory: Fast programming
High-resolution PPG (programmable phase difference of up to ± 90˚): 160 MHz (max)
High-speed, high-accuracy 12-bit AD converter; 10-bit DA converter
Oscillation frequency detection (OFD)
Various timers and serial interfaces
2-phase pulse counter
Small package (6 x 6 mm TFBGA113)
Digital video cameras
Digital still cameras
Camera lens
Product Lineup
System Block Diagram (Digital Still Camera)
TMPM341FYXBG **
TMPM341FDXBG
Part Number
256 KB
512 KB
32 KB
32 KB
TFBGA113 (6 x 6 mm)
TFBGA113 (6 x 6 mm)
ROM (Flash)
Size
RAM
Size
Package
12-bit AD converter (1 s),
10-bit DA converter
High-resolution PPG: 160 MHz (max); ideal for ultrasonic motor
control
Features
**: Under development
Features
Application
–
5 –
M340 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com