Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S505H-3.15-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # S505H-3.15-R
Description  400Vdc/500-600Vac Time-Delay 5x20mm Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S505H-3.15-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  S505H-3.15-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S505H-3.15-R Datasheet HTML 2Page - Cooper Bussmann, Inc. S505H-3.15-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1111 BU-SB11276
Page 2 of 3
Data Sheet 4406
Electrical Characteristics
1.5In
2.1In
2.75In
4In
10In
Min
Max
Min
Max
Min
Max
Min
Max
Amps
min.
min.
ms
s
ms
s
ms
ms
<1A
>60
<30
>250
<80
>50
<5
>5
<150
1A-3.15A >60
<30
>750
<80
>95
<5
>10
<150
4A-6.3A
>60
<30
>750
<80
>150
<5
>10
<150
8A-10A
>30
<30
>750
<80
>150
<5
>10
<150
Dimensions - mm
500-800mA
1-1.6 Amps
2 Amps & Above
1. Ceramic Tube
2. Wire Fuse Element
3. Plated Fuse Cap
4. Filler
5. Solder
6. Eyelet
Construction
Axial Leaded Versions
1. S505H-XXX-R
2. Axial Leaded Cap
Time-Current Curves
Current in Amps



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com