Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S505H-4-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # S505H-4-R
Description  400Vdc/500-600Vac Time-Delay 5x20mm Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S505H-4-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  S505H-4-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S505H-4-R Datasheet HTML 2Page - Cooper Bussmann, Inc. S505H-4-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Agency Information
S505H-XXX-R (Ferrule)
• cURus approval: Guide JFHR2, File E56412 and Guide JFHR8, File E56412
• CCC: 2A-4A, Cert. No.: 2010010207395946;
5A-6.3A Cert. No.: 2010010207390567
• CQC Approval: 8A-10A, Cert. No.: CQC10012043350
• TUV Approval: 2A-10A, Cert. No.: R50172128
• PSE Approval: 1A-5A, Cert. No.: JET1641-31003-1009; 6.3A-10A,
Cert. No: JET1641-31003-1011,
S505H-V-XXX-R (Axial Leads)
• PSE Approval: 1A-5A, Cert. No.: JET1641-31003-1010; 6.3A-10A, Cert.
No: JET1641-31003-1012
• cURus approval: Guide JFHR2, File E56412 and Guide JFHR8, File E56412
Part Number System: TR2-
S505H -V
-2
-R
Package Code Prefix
Series Number
Option Code
Fuse Amps
RoHS Compliance
Ordering
Specify product by package code prefix and option code.
400Vdc/500-600Vac Time-Delay 5x20mm Fuses
S505H Series
1111 BU-SB11276
Page 1 of 3
Data Sheet 4406
5x20mm fuse with optional axial leads
Description
400Vdc/500-600Vac Time-delay 5x20mm ceramic tube fuses with
electroplated end caps. The S505H Series provides higher voltage ratings and
breaking capacities than standard IEC 60127-2 fuses.
Features
• Time-delay, high breaking capacity
• 5 x 20mm physical size
• Ceramic tube with plated end cap construction
• Designed to IEC 60127-2, Standard, Sheet 5
• RoHS Compliant, lead free and halogen free
• Optional axial leads available
Pb
HALOGEN
HF
FREE
Typical
Typical
Voltage
Max. Voltage
Interrupting Rating (A)
2 Under
DC Cold
Voltage
Typical
Agency Approvals
Catalog
Rating
Rating
1
250
Max
400
Resistance
Drop
Value
250Vac
Number
Vac
AC
DC
Vac
Volts
Vdc
Ω3
(mV)
4
I
2t (A2s)5
TUV
6 CQC6 CCC6 PSE/JET cURus7
S505H-500-R
250
600
400
1500
100
1500
0.507
295
0.188
x
S505H-800-R
250
600
400
1500
100
1500
0.237
189
0.632
x
S505H-1-R
250
600
400
1500
100
1500
0.14
153
1.28
X
x
S505H-1.25-R
250
600
400
1500
100
1500
0.108
150
2.22
X
x
S505H-1.6-R
250
600
400
1500
100
1500
0.07
125
6.78
X
x
S505H-2-R
250
600
400
1500
100
1500
0.055
128
11.44
X
X
X
x
S505H-2.5-R
250
600
400
1500
100
1500
0.04
126
24.23
X
X
X
x
S505H-3.15-R
250
600
400
1500
100
1500
0.031
121
43.55
X
X
X
x
S505H-4-R
250
600
400
1500
100
1500
0.019
90
38.45
X
X
X
x
S505H-5-R
250
600
400
1500
100
1500
0.015
89
71.3
X
X
X
x
S505H-6.3-R
250
500
400
1500
100
1500
0.011
80
111.4
X
X
X
x
S505H-8-R
250
500
400
1500
100
1500
0.007
76
228.2
X
X
X
x
S505H-10-R
250
500
400
1500
100
1500
0.006
72
349.5
X
X
X
x
1. Max. Voltage rating: Base on the breaking capacity test according to UL.
2. - Breaking Capacity of 250VAC/1500A is tested by all agency approvals, test condition is
250Vac, PF: 0.7-0.8.
- Breaking Capacity of Max. voltage is tested by UL, PF:1.
- Breaking Capacity Test of DC is tested by UL under Capacitor Bank 4800mF (for 400V, 1500A),
2400mF (for 400V, 500A).
3. Cold Resistance: Measure at <10% rated current.
4. Typical Voltage Drop: Voltage drop is measured under ambient 20°C with rated current
5. Typical Pre-Arc I
2t: Measured at 10In DC
6. Does not apply to axial leaded versions.
7. 600/500Vac, 400Vdc.
Specifications
Applications
• Power supplies - adapters
• Battery chargers
• Desktops/notebooks
• Printers B-SS 5MM fuse 2007-02
• TVs / Displays
• Game systems
• Set top boxes
• Air conditioners
• Lighting ballasts


Similar Part No. - S505H-4-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
S505H-4-R EATON-S505H-4-R Datasheet
490Kb / 3P
5 mm x 20 mm 400 Vdc/500-600 Vac time-delay fuses
More results

Similar Description - S505H-4-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
Time-Delay Fuses
FNA-3 COOPER-FNA-3 Datasheet
316Kb / 4P
FNQ-R ??600Vac, 1??-30A, Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
FNQ-R-4 COOPER-FNQ-R-4 Datasheet
325Kb / 5P
FNQ-R . 600Vac, 1.4-30A, Time-Delay Fuses
KRP-CL-225 COOPER-KRP-CL-225 Datasheet
500Kb / 2P
KRP-CL 600Vac, 225-600A, time-delay fuses
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
KRP-C-2001SP ETC1-KRP-C-2001SP Datasheet
741Kb / 4P
time-delay fuses
KRP-CL-225 ETC1-KRP-CL-225 Datasheet
500Kb / 2P
KRP-CL 600Vac, 225-600A, time-delay fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com