Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01310 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 01310
Description  Carolprene짰 Jacketed Type SJOOW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

01310 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  01310 Datasheet HTML 1Page - General Cable Technologies Corporation 01310 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rubber Cord
13
Cord & Cordset
Product Construction:
Conductors:
• 18through10AWGfullyannealedstranded
bare copper per ASTM B-174
Insulation:
• Premium-grade,color-coded90ºCEPDM
• Colorcode:Seechartbelow
Jacket:
• Carolprene®, black
• Temperaturerange:-40ºCto+90ºC
Jacket Marking:
• CAROL(SIZE)(mm2) 90°C (UL) WATER
RESISTANT SJOOW CSA (-40°C) FT-2
P-7K-123033MSHA300VOLTRoHS
MADEINUSA
Applications:
• Portabletoolsandequipment
• Portableappliances
• Smallmotorsandassociatedmachinery
Features:
• Excellentresistancetooilandmoisture
• Goodtensilestrength,elongationandaging
characteristics
• Highflexibility
• Excellentabrasionresistance
• Water-resistant
• ULListedandCSACertifiedforindoorand
outdoor use
• Ozone-sunlight(UV)-andweather-resistant
Industry Approvals:
• ULFlexibleCord-ULSubject62
• CSAFlexibleCord-C22.2-49
• MSHAApproved
• RoHSCompliant
Packaging:
• 250'(76.2m),500'(152.4m),
1000'(304.8m)
• Otherput-upsavailableonspecialorder
TYPE SJOOW – 300 VOLT – UL/CSA
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D. CURRENT
AMPS†
APPROX.
NET WT.
LBS/M'(S)
STD.
CTN.
INCHES
mm INCHES
mm
01310
2
18
16/30
0.030
0.76 0.285
7.24
10
51
1000'
01311
3
18
16/30
0.030
0.76 0.305
7.75
10
63
1000'
01344
4
18
16/30
0.030
0.76 0.330
8.38
7
76
250'
01312
2
16
26/30
0.030
0.76 0.310
7.87
13
60
1000'
01342
3
16
26/30
0.030
0.76 0.330
8.38
13
76
250'
01343
4
16
26/30
0.030
0.76 0.365
9.27
10
95
250'
01358
2
14
41/30
0.030
0.76 0.340
8.64
18
79
250'
01360
3
14
41/30
0.030
0.76 0.370
9.40
18
106
250'
01364
4
14
41/30
0.030
0.76 0.410 10.41
15
121
250'
01379
2
12
65/30
0.030
0.76 0.410 10.41
25
117
250'
01380
3
12
65/30
0.030
0.76 0.430 10.92
25
146
250'
01381
4
12
65/30
0.030
0.76 0.475 12.07
20
185
250'
01382*
2
10
104/30
0.045
1.14 0.560 14.22
30
210
250'
01383
3
10
104/30
0.045
1.14 0.580 14.73
30
242
250'
01384
4
10
104/30
0.045
1.14 0.655 16.64
25
304
250'
Cord furnished with UL and CSA labels.
* Non-stock item; minimum quantity purchase required.
† Green conductor for grounding only. Ampacities based on NEC table 400.5(A).
(S)
Actual shipping weight may vary.
COLOR CODE CHART
NO. OF
CONDUCTORS
COLOR
2
Black, White
3
Black, White, Green
4
Black, White, Red, Green
Carolprene® Jacketed Type SJOOW
90ºC300VoltUL/CSAPortableCord


Similar Part No. - 01310

ManufacturerPart #DatasheetDescription
logo
Lumberg
013103 LUMBERG-013103 Datasheet
352Kb / 1P
DIN-Rundsteckverbinder
013103 LUMBERG-013103 Datasheet
724Kb / 3P
DIN circular connectors
013104 LUMBERG-013104 Datasheet
724Kb / 3P
DIN circular connectors
013105 LUMBERG-013105 Datasheet
724Kb / 3P
DIN circular connectors
013105-1 LUMBERG-013105-1 Datasheet
724Kb / 3P
DIN circular connectors
More results

Similar Description - 01310

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
01411.15.05 GENERAL-01411.15.05 Datasheet
127Kb / 2P
Carolprene짰 Jacketed Type SOOW/SJOOW
02425.35.05 GENERAL-02425.35.05 Datasheet
127Kb / 2P
Carolprene짰 Jacketed Type SOOW/SJOOW 90쨘C 600 Volt UL /CSA Portable Cord
02722.38.01 GENERAL-02722.38.01 Datasheet
79Kb / 1P
Carolprene Jacketed Type SOOW
02722.15T.01 GENERAL-02722.15T.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
02726.46.01 GENERAL-02726.46.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
02765.38.01 GENERAL-02765.38.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
02765.38T.01 GENERAL-02765.38T.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
02766.43.01 GENERAL-02766.43.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
027608-000 GENERAL-027608-000 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
logo
Littelfuse
02770.15.01 LITTELFUSE-02770.15.01 Datasheet
79Kb / 1P
Carolprene짰 Jacketed Type SOOW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com