Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGSF3442VT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MGSF3442VT1
Description  N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGSF3442VT1 Datasheet(HTML) 3 Page - Motorola, Inc

  MGSF3442VT1 Datasheet HTML 1Page - Motorola, Inc MGSF3442VT1 Datasheet HTML 2Page - Motorola, Inc MGSF3442VT1 Datasheet HTML 3Page - Motorola, Inc MGSF3442VT1 Datasheet HTML 4Page - Motorola, Inc MGSF3442VT1 Datasheet HTML 5Page - Motorola, Inc MGSF3442VT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MGSF3442VT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 3. On–Resistance versus Drain Current
Figure 4. Capacitance
Figure 5. Gate Charge
Figure 6. On–Resistance versus Junction
Temperature
3.0
0
VDS, DRAIN–TO–SOURCE VOLTAGE (V)
20
16
8.0
12
VGS, GATE–TO–SOURCE VOLTAGE (V)
0
8.0
4.0
0
0
ID, DRAIN CURRENT (A)
0.14
0.12
0.10
0.08
0.06
0
VDS, DRAIN–TO–SOURCE VOLTAGE (V)
4.0
0
1200
1000
800
600
0
8.0
20
4.0
0
Qg, TOTAL GATE CHARGE (nC)
5.0
3.0
2.0
1.0
0
TJ, JUNCTION TEMPERATURE (°C)
–25
100
–50
1.8
1.6
1.2
1.0
0.8
0.6
50
2.0
4.0
0
1.0
2.0
4.0
5.0
1.0
2.0
2.5
3.0
12
16
20
4.0
8.0
12
16
12
16
20
6.0
8.0
4.0
0
25
125
150
75
400
200
1.4
VGS = 4.5 V
4.0 V
3.5 V
3.0 V
1.5 V
2.0 V
VGS = 2.5 V
VGS = 4.5 V
VDS = 10 V
ID = 4.0 A
VGS = 4.5 V
ID = 4.0 A
Ciss
Coss
Crss
TC = –55°C
125
°C
25
°C
0.04
0.02
1.5
0.5
2.5 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com