Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01821 Datasheet(PDF) 2 Page - General Cable Technologies Corporation

Part # 01821
Description  Carolprene짰 Jacketed Type SJOOW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

01821 Datasheet(HTML) 2 Page - General Cable Technologies Corporation

  01821 Datasheet HTML 1Page - General Cable Technologies Corporation 01821 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rubber Cord
14
Cord & Cordset
Product Construction:
Conductors:
• 8through2AWGfullyannealedstranded
bare copper per ASTM B-174
Insulation:
• Premium-grade,color-coded90ºCEPDM
• Colorcode:Seechartbelow
Jacket:
• Carolprene®, black
• Temperaturerange:-40ºCto+90ºC
Jacket Marking:
• CAROL(SIZE)TYPESOOW90°C
P-7K-123033MSHAMADEINUSANON-
UL
Applications:
• Portabletoolsandequipment
• Temporaryandportablepower
• Motorsandassociatedmachinery
Features:
• Excellentresistancetooilandmoisture
• Goodtensilestrength,elongationandaging
characteristics
• Highflexibility
• Excellentabrasionresistance
• Ozone-sunlight(UV)-andweather-resistant
Industry Approvals:
• MSHAApproved
• RoHSCompliant
Packaging:
• 250'(76.2m),500'(152.4m),
1000'(304.8m)
• Otherput-upsavailableonspecialorder
TYPE SOOW, NON-UL – 600 VOLT
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D. CURRENT
AMPS†
APPROX.
NET WT.
LBS/M'(S)
STD.
CTN.
INCHES mm INCHES
mm
01811*
2
8
65/26
0.050
1.27 0.660 16.76
40
283
250'
01812
3
8
65/26
0.050
1.27 0.695 17.65
40
340
250'
01827
4
8
65/26
0.050
1.27 0.760 19.30
35
491
250'
98267
5
8
65/26
0.050
1.27 0.840 21.34
28
550
250'
01825
3
6
101/26
0.050
1.27 0.790 20.07
55
531
250'
01824
4
6
101/26
0.050
1.27 0.865 21.97
45
660
250'
98270
5
6
101/26
0.050
1.27 0.945 24.00
36
759
250'
01823*
2
4
119/25
0.050
1.27 0.860 21.84
70
580
250'
01822
3
4
119/25
0.050
1.27 0.915 23.24
70
745
250'
01821
4
4
119/25
0.050
1.27 1.000 25.40
60
918
250'
98463
5
4
119/25
0.050
1.27 1.095 27.81
48
1030
250'
01819
3
2
133/.0211
0.055
1.40 1.085 27.56
95
1072
250'
01818
4
2
133/.0211
0.055
1.40 1.170 29.72
80
1344
250'
98187
5
2
133/.0211
0.055
1.40 1.390 35.31
64
1702
250'
* Non-stock item; minimum quantity purchase required.
† Green conductor for grounding only. Ampacities based on NEC table 400.5(A).
(S)
Actual shipping weight may vary.
COLOR CODE CHART
NO. OF
CONDUCTORS
COLOR
2
Black, White
3
Black, White, Green
4
Black, White, Red, Green
5
Black, White, Red, Orange, Green
Carolprene® Jacketed Type SOOW
90ºC600VoltNon-ULPortableCord



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com