Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB301X Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYUSB301X
Description  EZ-USB짰 FX3 SuperSpeed USB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB301X Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYUSB301X Datasheet HTML 17Page - Cypress Semiconductor CYUSB301X Datasheet HTML 18Page - Cypress Semiconductor CYUSB301X Datasheet HTML 19Page - Cypress Semiconductor CYUSB301X Datasheet HTML 20Page - Cypress Semiconductor CYUSB301X Datasheet HTML 21Page - Cypress Semiconductor CYUSB301X Datasheet HTML 22Page - Cypress Semiconductor CYUSB301X Datasheet HTML 23Page - Cypress Semiconductor CYUSB301X Datasheet HTML 24Page - Cypress Semiconductor CYUSB301X Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *L
Page 21 of 40
AC Timing Parameters
GPIF II Timing
Figure 8. GPIF II Timing in Synchronous Mode
-
CT L (O U T)
CT L( IN)
tS
tH
tD H
tD S
tC LK
CLK
tC T LO
tC O E
Data(IN)
Data 1
(O U T)
tH Z
tLZ
tD O H
tC O H
tC LK H tC LK L
tLZ
Data 2
(O U T)
tC O
tD O H
D Q [31:0]
Note
4. All parameters guaranteed by design and validated through characterization.
Table 10. GPIF II Timing Parameters in Synchronous Mode[4]
Parameter
Description
Min
Max
Units
Frequency
Interface clock frequency
–
100
MHz
tCLK
Interface clock period
10
–
ns
tCLKH
Clock high time
4
–
ns
tCLKL
Clock low time
4
–
ns
tS
CTL input to clock setup time
(Sync speed = 1)
2–
ns
tH
CTL input to clock hold time
(Sync speed = 1)
0.5
–
ns
tDS
Data in to clock setup time
(Sync speed = 1)
2–
ns
tDH
Data in to clock hold time
(Sync speed = 1)
0.5
–
ns
tCO
Clock to data out propagation delay when DQ bus is already in
output direction (Sync speed = 1)
–8
ns
tCOE
Clock to data out propagation delay when DQ lines change to
output from tristate and valid data is available on the DQ bus
(Sync speed = 1)
-9
tCTLO
Clock to CTL out propagation delay (Sync speed = 1)
–
8
ns
tDOH
Clock to data out hold
2
–
ns
tCOH
Clock to CTL out hold
0
–
ns
tHZ
Clock to high-Z
–
8
ns
tLZ
Clock to low-Z (Sync speed = 1)
0
–
ns
tS_ss0
CTL input/data input to clock setup time (Sync speed = 0)
5
–
ns
tH_ss0
CTL input/data input to clock hold time (Sync speed = 0)
2.5
–
ns
tCO_ss0
Clock to data out / CTL out
propagation delay (sync speed = 0)
–15
ns
tLZ_ss0
Clock to low-Z (sync speed = 0)
2
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com