Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER504 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # ER504
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ER504 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  ER504 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ER504 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTICS CURVES
ER500
THRU
ER506
2 of 2
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
50V-600V 5.0A
ER500 THRU ER506
SUPERFAST RECOVERY RECTIFIERS
.6
.8
1.0
1
1
..
46
1.2
1.8
40
10
1
.1
2.0
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
T=25 C
Pulse Width=200us
J
O
600V
300-400V
200V
0
50
100
150
10.0
8.0
6.0
4.0
2.0
0
CASE TEMPERATURE, C
O
Fig.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.1-FORWARD CURRENT DERATING CURVE
Fig.1-FORWARD CURRENT DERATING CURVE
NO. OF CYCLES AT 60Hz
Fig.3-TYPICAL REVERSE CHARACTERISTICS
Fig.3-TYPICAL REVERSE CHARACTERISTICS
Fig.4-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig.4-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig.5-TYPICAL JUNCTION CAPACITANCE
Fig.5-TYPICAL JUNCTION CAPACITANCE
1
2
5
10
20
50 100
80
70
60
50
40
30
0
200
500
REVERSE VOLTAGE, VOLTS
30
60
90
120
150
1
2
46
8 10
20
40
60 80 100
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
J
O
T= 25 C
J
O
T = 125 C
J
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com