Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1512 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA1512
Description  Cree® XLamp® CXA1512 LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1512 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA1512 Datasheet HTML 3Page - Cree, Inc CXA1512 Datasheet HTML 4Page - Cree, Inc CXA1512 Datasheet HTML 5Page - Cree, Inc CXA1512 Datasheet HTML 6Page - Cree, Inc CXA1512 Datasheet HTML 7Page - Cree, Inc CXA1512 Datasheet HTML 8Page - Cree, Inc CXA1512 Datasheet HTML 9Page - Cree, Inc CXA1512 Datasheet HTML 10Page - Cree, Inc CXA1512 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
7
XLamp CXa1512 LED
electrical characteristics (t
J = 85 °c)
relative luminous fluX vs. current (t
J = 85 °c)
Electrical Characteristics (Tj = 85ºC)
0
100
200
300
400
500
29
30
31
32
33
34
35
36
37
38
39
Forward Voltage (V)
Relative Intensity vs. Current (Tj = 85ºC)
0%
20%
40%
60%
80%
100%
120%
140%
0
100
200
300
400
500
Forward Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com