Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPBL Datasheet(PDF) 21 Page - Cree, Inc

Part # XPBL
Description  Cree® XLamp® XP Family LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPBL Datasheet(HTML) 21 Page - Cree, Inc

Back Button XPBL Datasheet HTML 17Page - Cree, Inc XPBL Datasheet HTML 18Page - Cree, Inc XPBL Datasheet HTML 19Page - Cree, Inc XPBL Datasheet HTML 20Page - Cree, Inc XPBL Datasheet HTML 21Page - Cree, Inc XPBL Datasheet HTML 22Page - Cree, Inc XPBL Datasheet HTML 23Page - Cree, Inc XPBL Datasheet HTML 24Page - Cree, Inc XPBL Datasheet HTML 25Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
xlamp xp led binning & labeling
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
* Cree XLamp XP Family order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code
without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order code.
sTanDarD orDer CoDes anD bins (XP-e CooL WhiTe, T
J = 25 °C)
XLamp XP-e LeD standard order Codes - White
minimum Luminous
Flux (lm) @ 350 ma*
Chromaticity regions
order Codes
group
Flux (lm)
70 Cri Typical
cool white (5000 K – 10,000 K)
Q4
100
WA, WB, WC, WD, WE, WF, WG, WH, WJ, WK, WM, WN, WP
XpewHT-l1-0000-00c01
WC, WD, WF, WG
XpewHT-l1-0000-00c02
WC, WD, WF, WG, WH, WJ, WN, WP
XpewHT-l1-0000-00c03
Q5
107
WA, WB, WC, WD, WE, WF, WG, WH, WJ, WK, WM, WN, WP
XpewHT-l1-0000-00D01
WC, WD, WF, WG
XpewHT-l1-0000-00D02
WC, WD, WF, WG, WH, WJ, WN, WP
XpewHT-l1-0000-00D03
r2
114
WA, WB, WC, WD, WE, WF, WG, WH, WJ, WK, WM, WN, WP
XpewHT-l1-0000-00e01
WC, WD, WF, WG
XpewHT-l1-0000-00e02
WC, WD, WF, WG, WH, WJ, WN, WP
XpewHT-l1-0000-00e03
r3
122
WA, WB, WC, WD, WE, WF, WG, WH, WJ, WK, WM, WN, WP
XPEWHT-L1-0000-00F01
WC, WD, WF, WG
XPEWHT-L1-0000-00F02
WC, WD, WF, WG, WH, WJ, WN, WP
XPEWHT-L1-0000-00F03
sTanDarD orDer CoDes anD bins (XP-e ansi CooL WhiTe, T
J = 25 °C)
XLamp XP-e standard order Codes - White
Chromaticity
minimum
Luminous Flux
(lm) @ 350 ma*
order Codes
Kit
CCT
Code
Flux (lm)
70 Cri Typical
aNSI cool white (5000 K – 8300 K)
51
6200 K
r3
122
XPEWHT-L1-0000-00F51
r2
114
XpewHT-l1-0000-00e51
Q5
107
XpewHT-l1-0000-00D51
Q4
100
XpewHT-l1-0000-00c51
53
6000 K
r3
122
XPEWHT-L1-0000-00F53
r2
114
XpewHT-l1-0000-00e53
Q5
107
XpewHT-l1-0000-00D53
Q4
100
XpewHT-l1-0000-00c53
50
6200 K
r3
122
XPEWHT-L1-0000-00F50
r2
114
XpewHT-l1-0000-00e50
Q5
107
XpewHT-l1-0000-00D50
Q4
100
XpewHT-l1-0000-00c50
e1
6500 K
r3
122
XPEWHT-L1-0000-00FE1
r2
114
XpewHT-l1-0000-00ee1
Q5
107
XpewHT-l1-0000-00De1
Q4
100
XpewHT-l1-0000-00ce1
e2
5700 K
r3
122
XPEWHT-L1-0000-00FE2
r2
114
XpewHT-l1-0000-00ee2
Q5
107
XpewHT-l1-0000-00De2
Q4
100
XpewHT-l1-0000-00ce2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com