Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDA3C05GTH Datasheet(PDF) 2 Page - EPCOS

Part # CDA3C05GTH
Description  High-speed series
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CDA3C05GTH Datasheet(HTML) 2 Page - EPCOS

  CDA3C05GTH Datasheet HTML 1Page - EPCOS CDA3C05GTH Datasheet HTML 2Page - EPCOS CDA3C05GTH Datasheet HTML 3Page - EPCOS CDA3C05GTH Datasheet HTML 4Page - EPCOS CDA3C05GTH Datasheet HTML 5Page - EPCOS CDA3C05GTH Datasheet HTML 6Page - EPCOS CDA3C05GTH Datasheet HTML 7Page - EPCOS CDA3C05GTH Datasheet HTML 8Page - EPCOS CDA3C05GTH Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Features
Very low capacitance values 0.6 up to 10 pF
ESD protection to IEC 61000-4-2, level 4
Bidirectional ESD protection in one component
No change in ESD protection performance at temperatures
up to 85
°C (temperature derating)
Low parasitic inductance
Low leakage current
Fast response time <0.5 ns
Lead-free nickel barrier terminations suitable for lead-free soldering
RoHS-compatible
Applications
Interfaces, data lines (USB, IEEE 1394, Ethernet, parallel port,
SATA, DisplayPort, etc.), audio lines (digital) and video lines
(analog), DVI, HDMI, ICs and I/O ports
Consumer electronic products (TV, DVD player/recorder, set-top
box, game consoles, MP3 player, digital still/video camera, etc.)
EDP products (desktop and notebook computer, monitor, PDA,
printer, memory card, control unit, head set, speaker, HDD, optical
drive, etc.)
Industrial applications
Mobile phone applications
Design
Multilayer technology
Nickel barrier termination (Ag/Ni/Sn) for lead-free soldering
Marking
Due to the symmetrical configuration no marking information is
needed.
Single chip
4-fold array
2/4 data + 1 supply
General technical data
Maximum DC operating voltage
VDC,max
5.6 ... 30
V
Typical capacitance
Ctyp
0.6 ... 10
pF
Air discharge ESD capability
to IEC 61000-4-2
VESD,air
15
kV
Contact discharge ESD capability
to IEC 61000-4-2
VESD,contact
8
kV
Leakage current
(Vleak = 5.6 V)
Ileak
1
µA
Operating temperature
Top
40/+85
°C
Storage temperature
LCT/UCT
40/+125
°C
CeraDiodes
High-speed series
Page 2 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com