Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC12F1822
Description  Adding Intelligence to Lighting Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC12F1822 Datasheet HTML 5Page - Microchip Technology PIC12F1822 Datasheet HTML 6Page - Microchip Technology PIC12F1822 Datasheet HTML 7Page - Microchip Technology PIC12F1822 Datasheet HTML 8Page - Microchip Technology PIC12F1822 Datasheet HTML 9Page - Microchip Technology PIC12F1822 Datasheet HTML 10Page - Microchip Technology PIC12F1822 Datasheet HTML 11Page - Microchip Technology PIC12F1822 Datasheet HTML 12Page - Microchip Technology PIC12F1822 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.microchip.com/lighting
LED Lighting Solutions Design Guide
9
LED Lighting Solutions
Generating PWM Control Signals
There are multiple ways to generate PWM control signals to
control power circuits.
Devices with the Capture-Compare-PWM (CCP) module
can generate PWM signals to control power circuits using
an on-chip digital timebase. The signal pulse width is
controlled by the MCU clock and a duty cycle register.
The Enhanced CCP (ECCP) module allows one PWM signal
to control 2 or 4 output pins for half-bridge or H-bridge
control, respectively.
Devices that have a comparator and the ECCP module
can use the comparator signal to control the turn-off time
of the PWM signal.
Devices with comparators and a PWM SR latch can use
comparator signals and/or clock pulses to turn the latch
output on and off.
PIC12HV615
VDD
Buck Topology
Driver
Drive
Level
VSS
VBUS
Other Device Options:
PIC12F1822
PIC16F1823
Comparator
Buck LED Driver Using a Comparator
An external PWM peripheral IC may be used. This option
is useful when multiple high speed PWM channels are
required.
PWM signals can be generated using software and I/O
pins. This option is less costly when PWM frequency and
duty cycle resolution requirements are not too high.
A PIC microcontroller with an on-chip comparator such as
the PIC12F609 can be used to implement a simple LED
driver. The PIC12HV609 adds an internal regulator, allowing
operation from a DC bus higher than 5 volts.
Literature on the Web
AN874 – Buck Configuration High-Power LED Driver,
DS00874
AN1074 – Software PWM Generation for LED Dimming
and RGB Color Applications, DS01074
R
B
G
PIC12HV615
ADC Input
Color Set
RGB LED
50 mA
Other Device Options:
PIC12F1822
PIC16F1827
User
Interface
VIN
RGB Color LED Application Using PIC12HV615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com