Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16F616
Description  Adding Intelligence to Lighting Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16F616 Datasheet HTML 4Page - Microchip Technology PIC16F616 Datasheet HTML 5Page - Microchip Technology PIC16F616 Datasheet HTML 6Page - Microchip Technology PIC16F616 Datasheet HTML 7Page - Microchip Technology PIC16F616 Datasheet HTML 8Page - Microchip Technology PIC16F616 Datasheet HTML 9Page - Microchip Technology PIC16F616 Datasheet HTML 10Page - Microchip Technology PIC16F616 Datasheet HTML 11Page - Microchip Technology PIC16F616 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LED Lighting Solutions Design Guide
www.microchip.com/lighting
LED Lighting Solutions
Integrate Multiple Tasks –
PIC12 and PIC16 Mixed Signal Solutions
The LED current drive function can be integrated with other
tasks on the same MCU. Members of the PIC12F and PIC16F
device families provide the next step up from the PIC10F
family and facilitate highly integrated mixed signal designs in
8, 14 and 20-pin package options. The available peripherals
in this series of devices include:
■ Shunt Voltage Regulator
■ Comparators
■ Op Amps
■ ADC
■ Voltage Reference
■ Hardware PWM (Digital Timebase or SR Latch)
These peripherals allow external power circuits to be directly
controlled by the MCU. For a LED driver application, the
analog peripherals can be configured and interconnected in
software to provide constant current regulation. This leaves
the CPU free to run other tasks such as communication,
dimming control or fault detection.
Internal 5V Regulator
The internal shunt voltage regulator option allows the MCU
to be operated from a higher voltage DC bus making it
useful in AC line powered applications. Only a series resistor
is required between the power supply and the device VDD
pin.
Devices with an “HV” designator in the part number have an
internal regulator.
Compatible Pinouts Provide Migration Options
8-Pin
20-Pin
14-Pin
PIC
® MCU
VDD
VSS
8, 14 and 20-Pin PIC® Microcontroller Mixed Signal Features
Device
Pins
Voltage
Reference
Analog
Comparator
Op Amps
ADC
Digital
PWM
Module
PWM SR
Latch
PIC12F609/PIC12HV609
8
–
1
––
–
–
PIC12F615/PIC12HV615
8
–
1
–
10-bit
1
–
PIC12F1822
8
Yes
1
–
10-bit
1
1
PIC16F610/PIC12HV610
14
–
2
–
–
–
1
PIC16F616/PIC16HV616
14
–
2
–
10-bit
1
1
PIC16F785/PIC16HV785
20
Yes
2
2
10-bit
1
2
PIC16F1828
20
Yes
2
–
10-bit
4
1
Note: ‘HV’ part numbers have internal shunt voltage regulator.
Easy Migration
The 8, 14 and 20-pin devices in the PIC12F and PIC16F
families have compatible pin-outs for upward and downward
migration. Common connections such as power and ground
are located in the same positions on the package footprint
so that an 8-pin design can easily be expanded to a 14 or
20-pin design.
Literature on the Web
■ AN1035 – Designing with HV Microcontrollers, DS01035
■ PIC16F785/HV785 Device Data Sheet, DS41249
Web Links
www.microchip.com/8bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com