Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22 Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC18F23K22
Description  Adding Intelligence to Lighting Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 12Page - Microchip Technology PIC18F23K22 Datasheet HTML 13Page - Microchip Technology PIC18F23K22 Datasheet HTML 14Page - Microchip Technology PIC18F23K22 Datasheet HTML 15Page - Microchip Technology PIC18F23K22 Datasheet HTML 16Page - Microchip Technology PIC18F23K22 Datasheet HTML 17Page - Microchip Technology PIC18F23K22 Datasheet HTML 18Page - Microchip Technology PIC18F23K22 Datasheet HTML 19Page - Microchip Technology PIC18F23K22 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LED Lighting Solutions Design Guide
www.microchip.com/lighting
LED Lighting Solutions
Using TC6501 Open Drain Output for
Current Set-Point Control
There are different ways that the TC6501 and TC6502
temperature sensors can be used in an application. The
open-drain output of the TC6501 is useful for controlling
signals in analog circuits. For example, the TC6501 could
be used to limit a current reference set-point for a switch-
mode power supply. It could also be connected to signals in
op amp circuits to alter the behavior of the system when a
temperature limit is exceeded (see figure below).
Using the TC6501 to Provide MCU Interrupt
If a microcontroller is present and managing the application,
a TC6502 with CMOS active-high output signal can be used
to provide an interrupt. The microcontroller in turn will be
able to apply PWM dimming techniques to reduce the power
output to the module (as shown in figure below).
LED
Dimming
Signal
+5V
PIC12F683
VCC
GP0
GND
VCC
PWM
TC6502
GND
GND
HIST
TOVER
+12V
Fan
+5V
GND
GND
HIST
VCC
TOVER
TC6502
Using TC6501 Open Drain Output for Current Set-Point Control
Using the TC6501 to Provide MCU Interrupt
Fan Controller Application Using TC6502
If a cooling device (fan) is available, a TC6502 device (with
the HYST pin connected to VCC to obtain a 10°C hysteresis
threshold) can directly control a cooling fan to improve the
heat transfer.
+5V
MCP1630
VIN
D1
Dn
VCC
VREF
GND
VIN
VEXT
CS
FB
COMP
OSC IN
L
TC6501
GND
GND
HIST
TOVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com