Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CF Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO7240CF
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CF Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7240CF_12 Datasheet HTML 9Page - Texas Instruments ISO7240CF_12 Datasheet HTML 10Page - Texas Instruments ISO7240CF_12 Datasheet HTML 11Page - Texas Instruments ISO7240CF_12 Datasheet HTML 12Page - Texas Instruments ISO7240CF_12 Datasheet HTML 13Page - Texas Instruments ISO7240CF_12 Datasheet HTML 14Page - Texas Instruments ISO7240CF_12 Datasheet HTML 15Page - Texas Instruments ISO7240CF_12 Datasheet HTML 16Page - Texas Instruments ISO7240CF_12 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
www.ti.com
SLLS868N
– SEPTEMBER 2007 – REVISED JANUARY 2012
SWITCHING CHARACTERISTICS: VCC1 and VCC2 at 2.8-V OPERATION (ISO7241C only)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL Propagation delay
25
70
ISO7241C
See Figure 1
ns
PWD
Pulse-width distortion |tPHL – tPLH|
(1)
5
tsk(pp)
Part-to-part skew (2)
ISO7241C
12
ns
tsk(o)
Channel-to-channel output skew (3)
ISO7241C
5
ns
tr
Output signal rise time
2
ns
See Figure 1
tf
Output signal fall time
2
ns
tPHZ
Propagation delay, high-level-to-high-impedance output
15
25
tPZH
Propagation delay, high-impedance-to-high-level output
15
25
See Figure 2
ns
tPLZ
Propagation delay, low-level-to-high-impedance output
15
25
tPZL
Propagation delay, high-impedance-to-low-level output
15
25
tfs
Failsafe output delay time from input power loss
See Figure 3
7
μs
twake
Wake time from input disable
See Figure 4
12
μs
(1)
Also referred to as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
Copyright
© 2007–2012, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com