Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CFDW Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDW
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CFDW Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7240CFDW Datasheet HTML 13Page - Texas Instruments ISO7240CFDW Datasheet HTML 14Page - Texas Instruments ISO7240CFDW Datasheet HTML 15Page - Texas Instruments ISO7240CFDW Datasheet HTML 16Page - Texas Instruments ISO7240CFDW Datasheet HTML 17Page - Texas Instruments ISO7240CFDW Datasheet HTML 18Page - Texas Instruments ISO7240CFDW Datasheet HTML 19Page - Texas Instruments ISO7240CFDW Datasheet HTML 20Page - Texas Instruments ISO7240CFDW Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
OUT
8 W
13 W
VCC
Output
IN
VCC
VCC
ISO7240CF
Input
1MW
VCC
500 W
VCC
EN
Enable
500 W
VCC
1MW
IN
VCC
VCC
VCC
Input
1MW
500 W
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
www.ti.com
SLLS868N
– SEPTEMBER 2007 – REVISED JANUARY 2012
spacer
REGULATORY INFORMATION
VDE
CSA
UL
Certified according to IEC
Approved under CSA Component
Recognized under 1577
60747-5-2
Acceptance Notice 5A
Component Recognition Program
Basic Insulation
Maximum Transient Overvoltage,
Basic insulation per CSA
4000 VPK
60950-1-07 and IEC 60950-1
Maximum Surge Votlage, 4000
(2nd Ed), 395 VRMS maximum
Single protection, 2500 VRMS
(1)
VPK
working voltage, 4000 VPK
Maximum Working Voltage, 560
maximum isolation rating
VPK
File Number: 40016131
File Number: 220991
File Number: E181974
(1)
Production tested
≥ 3000 VRMS for 1 second in accordance with UL 1577.
spacer
DEVICE I/O SCHEMATICS
Copyright
© 2007–2012, Texas Instruments Incorporated
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com