Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGSF3455VT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MGSF3455VT1
Description  P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGSF3455VT1 Datasheet(HTML) 3 Page - Motorola, Inc

  MGSF3455VT1 Datasheet HTML 1Page - Motorola, Inc MGSF3455VT1 Datasheet HTML 2Page - Motorola, Inc MGSF3455VT1 Datasheet HTML 3Page - Motorola, Inc MGSF3455VT1 Datasheet HTML 4Page - Motorola, Inc MGSF3455VT1 Datasheet HTML 5Page - Motorola, Inc MGSF3455VT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MGSF3455VT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
012
34
0
4
8
12
20
VDS, DRAIN–TO–SOURCE VOLTAGE (V)
Figure 1. Output Characteristics
01
23
4
0
4
8
12
VGS, GATE–TO–SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
04
8
12
16
20
0
0.06
0.12
0.18
ID, DRAIN CURRENT (A)
Figure 3. On–Resistance vs. Drain Current
Figure 4. Capacitance
Figure 5. Gate Charge
TJ = –55°C
25
°C
125
°C
16
3 V
5 V
4 V
16
20
56
0.24
0.30
VGS = 4.5 V
–50
0.7
0.85
1.00
1.15
TJ, JUNCTION TEMPERATURE (°C)
–25
0
25
50
75
100
150
VGS = 10 V
ID = 3.5 A
1.30
125
VGS = 10, 9, 8, 7 V
VGS = 10 V
Figure 6. On–Resistance vs. Junction Temperature
612
18
VDS – DRAIN–TO–SOURCE VOLTAGE (V)
Ciss
Coss
Crss
24
30
0
Qg, TOTAL GATE CHARGE (nC)
1.5
3.0
4.5
6.0
VDS = 15 V
ID = 3.5 A
0
10
8
6
4
2
0
20
100
180
260
340
420
500
580
6 V
7
1.45
1.60



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com