Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHA204 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 17Page - ATMEL Corporation ATSHA204 Datasheet HTML 18Page - ATMEL Corporation ATSHA204 Datasheet HTML 19Page - ATMEL Corporation ATSHA204 Datasheet HTML 20Page - ATMEL Corporation ATSHA204 Datasheet HTML 21Page - ATMEL Corporation ATSHA204 Datasheet HTML 22Page - ATMEL Corporation ATSHA204 Datasheet HTML 23Page - ATMEL Corporation ATSHA204 Datasheet HTML 24Page - ATMEL Corporation ATSHA204 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
21
8740D
−CRYPTO−3/12
6.
I
2C Interface
The I
2C interface uses the SDA and SCL pins to indicate various I/O states to the ATSHA204. This interface is designed to be
compatible at the protocol level with the AT24C16B Serial EEPROM operating at 1MHz.
The SDA pin is normally pulled high with an external pull-up resistor, as the ATSHA204 includes only an open-drain driver on
its output pin. The bus master may be either open–drain or totem pole, and if the latter, then it should be tri-stated when the
ATSHA204 is driving results on the bus. The SCL pin is an input, and must be driven both high and low at all times by an
external device
6.1
I/O Conditions
The device responds to the following I/O conditions:
6.1.1
Device is Asleep
When the device is asleep, it ignores all but the wake condition
Wake:
If SDA is held low for a period greater than tWLO, the device exits low-power mode and, after a delay of tWHI,
is ready to receive I
2C commands. The device ignores any levels or transitions on the SCL pin when the
device is idle or asleep and during tWLO. At some point during tWHI, the SCL pin is enabled and the conditions
listed in Section 6.1.2, “Device is Awake,” are honored.
The wake condition requires either that the system processor manually drive the SDA pin low for tWLO, or that a data byte of
0x00 is transmitted at a clock rate sufficiently slow that SDA is low for a minimum period of tWLO. When the device is awake,
the normal processor I
2C hardware and/or software can be used for device communications up to and including the I/O
sequence required toput the device back into low power (sleep) mode.
When there are multiple ATSHA204 devices on the bus and the I
2C interface is run at 133KHz or slower, the transmission of
certain data patterns (such as 0x00) will cause all the ATSHA204 devices on the bus to wake up. Because subsequent device
addresses transmitted along the bus will only match the desired devices, the unused devices will remain idle and not cause
any bus conflicts.
In I
2C mode, the device will ignore a wake sequence sent when the device is already awake.
6.1.2
Device is Awake
When the device is awake, it honors the conditions listed below.
Data Zero:
If SDA is low and stable while SCL goes from low to high to low, then a zero bit is being transferred on the
bus. SDA can change while SCL is low.
Data One:
If SDA is high and stable while SCL goes from low to high to low, then a one bit is being transferred on the
bus. SDA can change while SCL is low.
Figure 6-1.
Data Bit Transfer on I
2C Interface
SDA
SCL
Data line stable;
Data valid
Change of
data allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com