Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF1A Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GF1A
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GF1A Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  GF1A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GF1A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
GF1A THRU GF1M
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
50V-1000V
1.0A
GF1A THRU GF1M
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
110
100
0
5.0
10
15
20
25
30
110
100
1
10
30
0.5
100
110
120
130
140
150
160
175
0
1.0
0.01
0.1
1
10
100
0.1
1
10
100
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
60 HZ
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED on
0.2 x 0.2” (5.0 x 5.0mm)
COPPER PAD AREAS
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
MOUNTED ON 0.20 x 0.27” (5 x 7mm)
COPPER PAD AREAS
t, PULSE DURATION, sec
0
2040
6080
100
0.01
0.1
1
10
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=100°C
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com