Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP20A Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GP20A
Description  GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GP20A Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  GP20A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GP20A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-600V
2.0A
GP20A THRU GP20J
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
GLASS PASSIVATED JUNCTION RECTIFIER
♦ Plastic package has
Underwriters Laboratory
Flammability Classification 94V-0
♦ High temperature metallurgically
bonded construction
♦ Glass passivated cavity-free junction
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ 1.5 Ampere operation at TA=55°C with no thermal
runaway
♦ Typical IR less than 0.1µA
♦ High temperature soldering guaranteed:
350°C/10 seconds 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Case: JEDEC DO-204AC molded plastic over glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
Ratings at 25°C ambient temperature unless otherwise specified.
GP
GP
GP
GP
GP
SYMBOLS
20A
20B
20D
20G
20J
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
I(AV)
2.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
65.0
Amps
Maximum instantaneous forward voltage at 2.0A
VF
1.2
1.1
Volts
Maximum reverse current
at rated DC blocking voltage
IR
5.0
µA
Maximum full load reverse current, full cycle
average 0 375" (9.5mm) lead length at TA=55°C
IR(AV)
100.0
µA
Typical reverse recovery time (NOTE 1)
trr
2.5
µs
Typical junction capacitance (NOTE 2)
CJ
40.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
25.0
°C/W
R
ΘJL
10.0
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length P.C.B. mounted


Similar Part No. - GP20A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP20A ZOWIE-GP20A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP20A GE-GP20A Datasheet
59Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GP20A MCC-GP20A Datasheet
80Kb / 3P
2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
GP20A TSC-GP20A Datasheet
67Kb / 2P
2.0 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
TAITRON Components Inco...
GP20A TAITRON-GP20A Datasheet
132Kb / 4P
2.0A Sintered Glass Passivated Rectifier
More results

Similar Description - GP20A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
G2A GE-G2A Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
GP30A TAYCHIPST-GP30A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
Glass Passivated Junction Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com