Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP30A Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GP30A
Description  GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GP30A Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  GP30A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GP30A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GP30A THRU GP30M
50V-1000V
3.0A
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
GLASS PASSIVATED JUNCTION RECTIFIER
♦ Plastic package has
Underwriters Laboratory
Flammability Classification 94V-0
♦ High temperature metallurgically
bonded construction
♦ Glass passivated cavity-free junction
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ 1.5 Ampere operation at TA=55°C with no thermal
runaway
♦ Typical IR less than 0.1µA
♦ High temperature soldering guaranteed:
350°C/10 seconds 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Case: JEDEC DO-204AC molded plastic over glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
Ratings at 25°C ambient temperature unless otherwise specified.
GP
GP
GP
GP
GP
GP
GP
SYMBOLS
30A
30B
30D
30G
30J
30K
30M
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
I(AV)
3.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
125.0
Amps
Maximum instantaneous forward voltage at 3.0A
VF
1.2
1.1
Volts
Maximum reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=150°C
IR
100.0
µA
Maximum full load reverse current, full cycle average
0.375" (9.5mm) lead length at TA=55°C
IR(AV)
100.0
µA
Maximum reverse recovery time (NOTE 1)
trr
3.0
µs
Typical junction capacitance (NOTE 2)
CJ
40.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
20.0
°C/W
R
ΘJL
10.0
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted


Similar Part No. - GP30A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP30A GE-GP30A Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Micro Commercial Compon...
GP30A MCC-GP30A Datasheet
80Kb / 3P
3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
GP30A TSC-GP30A Datasheet
65Kb / 2P
3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
First Components Intern...
GP30A FCI-GP30A Datasheet
172Kb / 2P
3.0 Amp MEGARECTIFIERS
More results

Similar Description - GP30A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
G2A GE-G2A Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
Glass Passivated Junction Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com