Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ970EP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQJ970EP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ970EP Datasheet(HTML) 3 Page - Vishay Siliconix

  SQJ970EP Datasheet HTML 1Page - Vishay Siliconix SQJ970EP Datasheet HTML 2Page - Vishay Siliconix SQJ970EP Datasheet HTML 3Page - Vishay Siliconix SQJ970EP Datasheet HTML 4Page - Vishay Siliconix SQJ970EP Datasheet HTML 5Page - Vishay Siliconix SQJ970EP Datasheet HTML 6Page - Vishay Siliconix SQJ970EP Datasheet HTML 7Page - Vishay Siliconix SQJ970EP Datasheet HTML 8Page - Vishay Siliconix SQJ970EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SQJ970EP
www.vishay.com
Vishay Siliconix
S11-2419-Rev. C, 19-Dec-11
3
Document Number: 65282
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transfer Characteristics
Capacitance
Transfer Characteristics
Transconductance
Gate Charge
0
8
16
24
32
40
0
2
468
10
VGS =10 V thru 5 V
VGS =4 V
VDS - Drain-to-Source Voltage (V)
0
2
4
6
8
10
0
1234
5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
VDS - Drain-to-Source Voltage (V)
Crss
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
25
30
35
40
Ciss
Coss
0
8
16
24
32
40
0123
456
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
0
10
20
30
40
50
0
5
10
15
20
25
ID - Drain Current (A)
TC = 125 °C
TC = - 55 °C
TC = 25 °C
0
2
4
6
8
10
0
7
14
21
28
35
ID = 10.2 A
VDS =20 V
Qg - Total Gate Charge (nC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com