Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE7.0 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # LCE7.0
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

LCE7.0 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  LCE7.0 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd LCE7.0 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd LCE7.0 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Reverse
Maximum
Maximum
Maximum
Maximum
W orking
Max. Inverse
Peak Inverse
Breakdown Voltage @ It
Stand-off
Reverse
Clamping
Reverse
Junction
Inverse
Blocking
Blocking
Voltage
Leakage
Voltage
Current
Capacitance
Blocking
Current
Voltage
@ VRWM
@ IRSM
@ 0 Volt
Voltage
@ VWIB
VBR (V)
It
VRWM
IR
VRSM
IRSM
VWIB
IIB
VPIB
Min.
Max.
(mA)
(V)
(
µA)
(V)
(A)
pF
(V)
mA
(V)
LCE6.5
7.22
8.82
10
6.5
1000
12.3
100
100
75
1.0
100
LCE6.5A
7.22
7.98
10
6.5
1000
11.2
100
100
75
1.0
100
LCE7.0
7.78
9.51
10
7.0
500
13.3
100
100
75
1.0
100
LCE7.0A
7.78
8.60
10
7.0
500
12.0
100
100
75
1.0
100
LCE7.5
8.33
10.2
10
7.5
250
14.3
100
100
75
1.0
100
LCE7.5A
8.33
9.21
10
7.5
250
12.9
100
100
75
1.0
100
LCE8.0
8.89
10.9
10
8.0
100
15.0
100
100
75
1.0
100
LCE8.0A
8.89
9.83
10
8.0
100
13.6
100
100
75
1.0
100
LCE8.5
9.44
11.5
1.0
8.5
50
15.9
94
100
75
1.0
100
LCE8.5A
9.44
10.4
1.0
8.5
50
14.4
100
100
75
1.0
100
LCE9.0
10.0
12.2
1.0
9.0
10.0
16.9
89
100
75
1.0
100
LCE9.0A
10.0
11.1
1.0
9.0
10.0
15.4
97
100
75
1.0
100
LCE10
11.1
13.6
1.0
10
5.0
18.8
80
100
75
1.0
100
LCE10A
11.1
12.3
1.0
10
5.0
17.0
88
100
75
1.0
100
LCE11
12.2
14.9
1.0
11
5.0
20.1
74
100
75
1.0
100
LCE11A
12.2
13.5
1.0
11
5.0
18.2
82
100
75
1.0
100
LCE12
13.3
16.3
1.0
12
5.0
22.0
68
100
75
1.0
100
LCE12A
13.3
14.7
1.0
12
5.0
19.9
75
100
75
1.0
100
LCE13
14.4
17.6
1.0
13
5.0
23.8
63
100
75
1.0
100
LCE13A
14.4
15.9
1.0
13
5.0
21.5
70
100
75
1.0
100
LCE14
15.6
19.1
1.0
14
5.0
25.8
58
100
75
1.0
100
LCE14A
15.6
17.2
1.0
14
5.0
23.2
65
100
75
1.0
100
LCE15
16.7
20.4
1.0
15
5.0
26.9
56
100
75
1.0
100
LCE15A
16.7
18.5
1.0
15
5.0
24.4
61
100
75
1.0
100
LCE16
17.8
21.8
1.0
16
5.0
28.8
52
100
75
1.0
100
LCE16A
17.8
19.7
1.0
16
5.0
26.0
57
100
75
1.0
100
LCE17
18.9
23.1
1.0
17
5.0
30.5
49
100
75
1.0
100
LCE17A
18.9
20.9
1.0
17
5.0
27.6
54
100
75
1.0
100
LCE18
20
24.4
1.0
18
5.0
32.2
46
100
75
1.0
100
LCE18A
20
22.1
1.0
18
5.0
29.2
51
100
75
1.0
100
LCE20
22.2
27.1
1.0
20
5.0
35.8
42
100
75
1.0
100
LCE20A
22.2
24.5
1.0
20
5.0
32.4
46
100
75
1.0
100
LCE22
24.4
29.8
1.0
22
5.0
39.4
38
100
75
1.0
100
LCE22A
24.4
26.9
1.0
22
5.0
35.5
42
100
75
1.0
100
LCE24
26.7
32.6
1.0
24
5.0
43.0
35
100
75
1.0
100
LCE24A
26.7
29.5
1.0
24
5.0
38.9
39
100
75
1.0
100
LCE26
28.9
35.3
1.0
26
5.0
46.6
32
100
75
1.0
100
LCE26A
28.9
31.9
1.0
26
5.0
42.1
36
100
75
1.0
100
LCE28
31.1
38.0
1.0
28
5.0
50.1
30
100
75
1.0
100
LCE28A
31.1
34.4
1.0
28
5.0
45.5
33
100
75
1.0
100
LCE30
33.3
40.7
1.0
30
5.0
53.5
28
100
75
1.0
100
LCE30A
33.3
36.8
1.0
30
5.0
48.4
31
100
75
1.0
100
LCE33
36.7
44.9
1.0
33
5.0
59.0
25.4
100
75
1.0
100
LCE33A
36.7
40.6
1.0
33
5.0
53.3
28.1
100
75
1.0
100
LCE36
40.0
48.9
1.0
36
5.0
64.3
23.3
100
75
1.0
100
LCE36A
40.0
44.2
1.0
36
5.0
58.1
25.8
100
75
1.0
100
LCE40
44.4
54.3
1.0
40
5.0
71.4
21
100
75
1.0
100
LCE40A
44.4
49.1
1.0
40
5.0
64.5
23.3
100
75
1.0
100
LCE43
47.8
58.4
1.0
43
5.0
76.7
19.5
100
150
1.0
200
LCE43A
47.8
52.8
1.0
43
5.0
69.4
21.6
100
150
1.0
200
TYPE
NUMBER
6.5V-90V
1500W
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE6.5A THRU LCE90A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com